Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6V969 Datasheet (PDF) - Microchip Technology

MCP6V969 Datasheet PDF - Microchip Technology
Part # MCP6V969
Download  MCP6V969 Download
File Size   2412.62 Kbytes
Page   52 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 10 MHz, Zero-Drift Op Amps

MCP6V969 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP6V969 Datasheet PDF - Microchip Technology

Part # MCP6V969
Download  MCP6V969 Click to download

File Size   2412.62 Kbytes
Page   52 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 10 MHz, Zero-Drift Op Amps

MCP6V969 Datasheet (HTML) - Microchip Technology


MCP6V969 Product details

Features
• High DC Precision:
- VOS Drift: ±150 nV/°C (maximum)
- VOS: ±25 μV (maximum)
- AOL: 111 dB (minimum, VDD = 5.5V)
- PSRR: 110 dB (minimum, VDD = 5.5V)
- CMRR: 112 dB (minimum, VDD = 5.5V)
- Eni: 0.24 μVP-P (typical), f = 0.1 Hz to 10 Hz
- Eni: 0.08 μVP-P (typical), f = 0.01 Hz to 1 Hz
• Enhanced EMI Protection:
- Electromagnetic Interference Rejection Ratio
(EMIRR) at 1.8 GHz: 93 dB
• Low Power and Supply Voltages:
- IQ: 1.1 mA/amplifier (typical)
- Wide supply voltage range: 2.4V to 5.5V
• Small Packages:
- Singles in SC70, SOT-23
- Duals in MSOP-8, 2 x 3 TDFN
- Quads in TSSOP-14
• Easy to Use:
- Rail-to-rail input/output
- Gain bandwidth product: 10 MHz (typical)
- Unity gain stable
• Extended Temperature Range: -40°C to +125°C

Typical Applications
• Portable Instrumentation
• Sensor Conditioning
• Temperature Measurement
• DC Offset Correction
• Medical Instrumentation

Design Aids
• SPICE Macro Models
• Microchip Advanced Part Selector (MAPS)
• Analog Demonstration and Evaluation Boards
• Application Notes




Similar Part No. - MCP6V969

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6V91 MICROCHIP-MCP6V91 Datasheet
2Mb / 48P
Temperature Measurement
07/14/15
MCP6V91/1U/2/4 MICROCHIP-MCP6V91/1U/2/4 Datasheet
2Mb / 52P
5 MHz, 0.5 mA, Zero-Drift Op Amps
Revision A August 2020
MCP6V92 MICROCHIP-MCP6V92 Datasheet
2Mb / 48P
Temperature Measurement
07/14/15
MCP6V94 MICROCHIP-MCP6V94 Datasheet
2Mb / 48P
Temperature Measurement
07/14/15
More results


Similar Description - MCP6V969

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6V11 MICROCHIP-MCP6V11 Datasheet
3Mb / 40P
7.5 關A, 80 kHz Zero-Drift Op Amps
11/29/11
MCP6V31 MICROCHIP-MCP6V31 Datasheet
3Mb / 40P
23 關A, 300 kHz Zero-Drift Op Amps
11/29/11
logo
3PEAK INC.
TP5531 3PEAK-TP5531 Datasheet
657Kb / 16P
1.8V, 34關A, RRIO, Zero Drift Op-amps
TP5551 3PEAK-TP5551 Datasheet
1Mb / 16P
Ultra Low Noise, 3.5MHz, Zero Drift, RRIO Op-amps
TP5591 3PEAK-TP5591 Datasheet
1Mb / 15P
Low Noise, 1.8V, 3.3MHz, RRIO, Zero Drift Op-amps
logo
Microchip Technology
MCP6V76 MICROCHIP-MCP6V76 Datasheet
1Mb / 48P
170 關A, 2 MHz Zero-Drift Op Amps
02/28/20
MCP6V16 MICROCHIP-MCP6V16 Datasheet
3Mb / 52P
7.5 關A, 80 kHz Zero-Drift Op Amps
05/14/19
MCP6V36 MICROCHIP-MCP6V36 Datasheet
3Mb / 50P
23 關A, 300 kHz Zero-Drift Op Amps
05/14/19
MCP6V66 MICROCHIP-MCP6V66 Datasheet
1Mb / 46P
80 關A, 1 MHz Zero-Drift Op Amps
05/14/19
MCP6V86 MICROCHIP-MCP6V86 Datasheet
2Mb / 52P
5 MHz, 0.5 mA, Zero-Drift Op Amps
Revision A August 2020
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com