Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP96L00T Datasheet (PDF) - Microchip Technology

MCP96L00T Datasheet PDF - Microchip Technology
Part # MCP96L00T
Download  MCP96L00T Download
File Size   2785.97 Kbytes
Page   57 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Thermocouple EMF to Temperature Converter, ±1.5°C Maximum Accuracy

MCP96L00T Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP96L00T Datasheet PDF - Microchip Technology

Part # MCP96L00T
Download  MCP96L00T Click to download

File Size   2785.97 Kbytes
Page   57 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Thermocouple EMF to Temperature Converter, ±1.5°C Maximum Accuracy

MCP96L00T Datasheet (HTML) - Microchip Technology


MCP96L00T Product details

Features
• Thermocouple Electromotive Force (EMF) to °C
Converter:
- Integrated cold-junction compensation
- Integrated thermocouple open-circuit and
short-circuit detection (MCP9601/L01/RL01)
• Supported Types (designated by NIST ITS-90):
- Type K, J, T, N, S, E, B and R
• Sensor Accuracy for Thermocouple Hot-Junction:
- MCP9600/01 ±0.5°C/±1.5°C (typ./max.)
- MCP96L00/L01 ±2.0°C/±4.0°C (typ./max.)
- MCP96RL00/RL01 ±4.0°C/±8.0°C (typ./max.)
• Measurement Resolution:
- Hot and cold-junctions: +0.0625°C (typical)
• Four Programmable Temperature Alert Outputs:
- Monitor hot or cold-junction temperatures
- Detect rising or falling temperatures
- Up to 255°C of programmable hysteresis
• Programmable Digital Filter for Temperature
• Low Power:
- Shutdown mode
- Burst mode: 1 to 128 temperature samples
• Two-Wire Interface: I2C Compatible, 100 kHz:
- Supports eight devices per I2C Bus
• Operating Voltage Range: 2.7V to 5.5V
• Operating Current: 300 μA (typical)
• Shutdown Current: 2 μA (typical)
• Package: 20-Lead MQFN

Typical Applications
• Petrochemical Thermal Management
• Hand-Held Measurement Equipment
• Industrial Equipment Thermal Management
• Commercial and Industrial Ovens
• Industrial Engine Thermal Monitor
• Temperature Detection Racks




Similar Part No. - MCP96L00T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP9600 MICROCHIP-MCP9600 Datasheet
4Mb / 50P
Four Programmable Temperature Alert Outputs
07/14/15
More results


Similar Description - MCP96L00T

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS9-1J FUJI-EDS9-1J Datasheet
221Kb / 4P
FC SERIES EMF CONVERTER
logo
Microchip Technology
MCP9808 MICROCHIP-MCP9808 Datasheet
1Mb / 52P
짹0.5째C Maximum Accuracy Digital Temperature Sensor
2011
logo
Maxim Integrated Produc...
MAX6675ISA MAXIM-MAX6675ISA Datasheet
411Kb / 8P
Cold-Junction-Compensated K-Thermocouple to-digital converter (0°C to 1024°C)
Rev 1; 3/02
logo
Microchip Technology
MCP9808-E-MS MICROCHIP-MCP9808-E-MS Datasheet
1Mb / 52P
0.5째C Maximum Accuracy Digital Temperature Sensor
08/02/11
logo
National Instruments Co...
NI9214 NI-NI9214 Datasheet
301Kb / 11P
High-Accuracy Thermocouple Module
logo
Maxim Integrated Produc...
MAX31856 MAXIM-MAX31856 Datasheet
681Kb / 30P
Precision Thermocouple to Digital Converter
Rev 0; 2/15
logo
Pepperl+Fuchs Inc.
FB5205B PF-FB5205B Datasheet
597Kb / 3P
Thermocouple Converter
FB5205B3 PF-FB5205B3 Datasheet
843Kb / 4P
Thermocouple Converter
LB5002A PF-LB5002A Datasheet
569Kb / 3P
Thermocouple Converter
2021-12-01
LB5005A PF-LB5005A Datasheet
657Kb / 3P
Thermocouple Converter
2021-12-01
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com