Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6L91RTE/MS Datasheet (PDF) - Microchip Technology

MCP6L91RTE/MS Datasheet PDF - Microchip Technology
Part # MCP6L91RTE/MS
Download  MCP6L91RTE/MS Download
File Size   940.89 Kbytes
Page   40 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 10 MHz, 850 μA Op Amps

MCP6L91RTE/MS Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP6L91RTE/MS Datasheet PDF - Microchip Technology

Part # MCP6L91RTE/MS
Download  MCP6L91RTE/MS Click to download

File Size   940.89 Kbytes
Page   40 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 10 MHz, 850 μA Op Amps

MCP6L91RTE/MS Datasheet (HTML) - Microchip Technology


MCP6L91RTE/MS Product details

Features
• Available in SOT-23 Package
• Gain Bandwidth Product: 10 MHz (typical)
• Rail-to-Rail Input/Output
• Supply Voltage: 2.4V to 6.0V
• Supply Current: IQ = 0.85 mA/Amplifier (typical)
• Extended Temperature Range: -40°C to +125°C
• Available in Single, Dual and Quad Packages

Typical Applications
• Portable Equipment
• Photodiode Amplifier
• Analog Filters
• Notebooks and PDAs
• Battery-Powered Systems

Design Aids
• SPICE Macro Model
• FilterLab® Software
• Microchip Advanced Part Selector (MAPS)
• Analog Demonstration and Evaluation Boards
• Application Notes




Similar Part No. - MCP6L91RTE/MS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6L91RT MICROCHIP-MCP6L91RT Datasheet
480Kb / 30P
10 MHz, 850 關A Op Amps
2009
MCP6L91RT-E/MS MICROCHIP-MCP6L91RT-E/MS Datasheet
480Kb / 30P
10 MHz, 850 關A Op Amps
2009
MCP6L91RT-E/OT MICROCHIP-MCP6L91RT-E/OT Datasheet
480Kb / 30P
10 MHz, 850 關A Op Amps
2009
MCP6L91RT-E/SL MICROCHIP-MCP6L91RT-E/SL Datasheet
480Kb / 30P
10 MHz, 850 關A Op Amps
2009
MCP6L91RT-E/SN MICROCHIP-MCP6L91RT-E/SN Datasheet
480Kb / 30P
10 MHz, 850 關A Op Amps
2009
More results


Similar Description - MCP6L91RTE/MS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6021 MICROCHIP-MCP6021 Datasheet
618Kb / 28P
Rail-to-Rail Input/Output, 10 MHz Op Amps
2003
MCP6021 MICROCHIP-MCP6021_09 Datasheet
673Kb / 42P
Rail-to-Rail Input/Output, 10 MHz Op Amps
2009
MCP6L91 MICROCHIP-MCP6L91 Datasheet
480Kb / 30P
10 MHz, 850 關A Op Amps
2009
MCP6H01 MICROCHIP-MCP6H01_12 Datasheet
1Mb / 46P
1.2 MHz, 16V Op Amps
2010-2011
MCP6H71 MICROCHIP-MCP6H71_12 Datasheet
1Mb / 42P
2.7 MHz, 12V Op Amps
11/29/12
MCP6H81 MICROCHIP-MCP6H81_12 Datasheet
1Mb / 42P
5.5 MHz, 12V Op Amps
2012 11/29/12
MCP6H91 MICROCHIP-MCP6H91_12 Datasheet
1Mb / 42P
10 MHz, 12V Op Amps
2012 11/29/12
MCP6L71 MICROCHIP-MCP6L71_V01 Datasheet
934Kb / 40P
2 MHz, 150 μA Op Amps
Revision B October 2019
MCP6V96 MICROCHIP-MCP6V96 Datasheet
2Mb / 52P
10 MHz, Zero-Drift Op Amps
Revision A November 2020
MCP6071 MICROCHIP-MCP6071_V01 Datasheet
856Kb / 42P
110 μA, High Precision Op Amps
Revision C November 2021
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com