Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8610EC Datasheet (PDF) - NXP Semiconductors

MPC8610EC Datasheet PDF - NXP Semiconductors
Part # MPC8610EC
Download  MPC8610EC Download
File Size   1606.99 Kbytes
Page   96 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description MPC8610 Integrated Host Processor Hardware Specifications

MPC8610EC Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC8610EC Datasheet PDF - NXP Semiconductors

Part # MPC8610EC
Download  MPC8610EC Click to download

File Size   1606.99 Kbytes
Page   96 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description MPC8610 Integrated Host Processor Hardware Specifications

MPC8610EC Datasheet (HTML) - NXP Semiconductors


MPC8610EC Product details

Features
• High-performance, 32-bit e600 core, that implements the
Power Architecture™ technology
– Eleven execution units and three register files
– Two separate 32-Kbyte instruction and data level 1 (L1)
caches
– Integrated 256-Kbyte, eight-way set-associative unified
instruction and data level 2 (L2) cache with ECC
– 36-bit real addressing
– Multiprocessing support features
– Power and thermal management
• MPX coherency module (MCM)
• Address translation and mapping units (ATMUs)
• DDR/DDR2 memory controller
– 64- or 32-bit data path (72-bit with ECC)
– Up to 533-MHz DDR2 data rate and up to 400 MHz
DDR data rate
– Up to 16 Gbytes memory
• Enhanced local bus controller (eLBC)
– Operating at up to 133 MHz
– Eight chip selects
• Display interface unit
– Maximum display resolution: 1280 × 1024
– Maximum display refresh rate: 60 Hz
– Display color depth: up to 24 bpp
– Display interface: parallel TTL
• OpenPIC-compliant programmable interrupt controller
(PIC)
– Supports 16 programmable interrupt and processor task
priority levels
– Supports 12 discrete external interrupts and 48 internal
interrupts
– Eight global high resolution timers/counters that can
generate interrupts
– Support for PCI Express message-shared interrupts
(MSIs)
• Dual I2C controllers
– Master or slave I2C mode support
– Boot sequencer
– Optionally loads configuration data from serial ROM at
reset via I2C interface
– Can be used to initialize configuration registers and/or
memory
– Supports extended I2C addressing mode
• DUART
• Fast InfraRed interface
• Serial peripheral interface
– Master or slave support
• Dual integrated four-channel DMA controllers
– All channels accessible by both local and remote masters
– Supports transfers to or from any local memory or I/O
port
– Ability to start and flow control each DMA channel
from external 3-pin interface
• Watchdog timer
• Dual global timer modules
• 32-bit PCI interface, 33 or 66 MHz bus frequency
• Dual PCI Express® controllers
– PCI Express 1.0a compatible
– PCI Express controller 1 supports x1, x2, and x4 link
widths; PCI Express controller 2 supports x1, x2, x4, and
x8 link widths
– 2.5 Gbaud, 2.0 Gbps lane
• Device performance monitor
– Supports eight 32-bit counters that count the occurrence
of selected events
– Ability to count up to 512 counter-specific events
– Supports 64 reference events that can be counted on any
of the 8 counters
– Supports duration and quantity threshold counting
– Burstiness feature that permits counting of burst events
with a programmable time between bursts
– Triggering and chaining capability
– Ability to generate an interrupt on overflow
• IEEE Std 1149.1™ compliant, JTAG boundary scan
• Available as 783-pin, flip-chip, plastic ball grid array
(FC-PBGA)




Similar Part No. - MPC8610EC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8610EC FREESCALE-MPC8610EC Datasheet
1Mb / 96P
Integrated Host Processor Hardware Specifications
More results


Similar Description - MPC8610EC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8347EA FREESCALE-MPC8347EA Datasheet
1Mb / 108P
Integrated Host Processor Hardware Specifications
MPC8349E FREESCALE-MPC8349E_07 Datasheet
1,019Kb / 88P
PowerQUICC??II Pro Integrated Host Processor Hardware Specifications
MPC8610EC FREESCALE-MPC8610EC Datasheet
1Mb / 96P
Integrated Host Processor Hardware Specifications
MPC8640DEC FREESCALE-MPC8640DEC Datasheet
1Mb / 140P
Integrated Host Processor Hardware Specifications
MPC8641DEC FREESCALE-MPC8641DEC Datasheet
1Mb / 140P
Integrated Host Processor Hardware Specifications
1500457 FREESCALE-1500457 Datasheet
680Kb / 87P
Integrated Host Processor Hardware Specifications
MC8610TPX1066JB FREESCALE-MC8610TPX1066JB Datasheet
1Mb / 96P
MPC8610 Integrated Host Processor Hardware Specifications
MPC8347VRAGDB FREESCALE-MPC8347VRAGDB Datasheet
727Kb / 99P
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
logo
NXP Semiconductors
MPC8343EAEC NXP-MPC8343EAEC Datasheet
928Kb / 80P
MPC8343EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
MPC8641D NXP-MPC8641D Datasheet
2Mb / 129P
MPC8641 and MPC8641D Integrated Host Processor Hardware Specifications
Rev. 3, 05/2014
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com