Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K857PE Datasheet (PDF) - Vishay Siliconix

K857PE Datasheet PDF - Vishay Siliconix
Part # K857PE
Download  K857PE Download
File Size   237.12 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 4-Quadrant Silicon PIN Photodiode

K857PE Datasheet (PDF)

Go To PDF Page Download Datasheet
K857PE Datasheet PDF - Vishay Siliconix

Part # K857PE
Download  K857PE Click to download

File Size   237.12 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 4-Quadrant Silicon PIN Photodiode

K857PE Datasheet (HTML) - Vishay Siliconix


K857PE Product details

DESCRIPTION
K857PE is a 4-quadrant photo detector in surface-mount
package. Each quadrant PD has an active area of 1.6 mm2.

FEATURES
• Package type: surface-mount
• Technology: epitaxial
• Package form: top view
• Dimensions (L x W x H in mm):
4.72 x 4.72 x 0.75
• AEC-Q101 qualified
• High photo sensitivity
• Floor life: 168 h, MSL 3, according to
J-STD-020
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912




Similar Part No. - K857PE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
K857PE VISHAY-K857PE Datasheet
252Kb / 7P
4-Quadrant Silicon PIN Photodiode
23-Feb-2021
K857PE VISHAY-K857PE Datasheet
236Kb / 7P
4-Quadrant Silicon PIN Photodiode
05-Oct-2021
K857PE-GS15 VISHAY-K857PE-GS15 Datasheet
252Kb / 7P
4-Quadrant Silicon PIN Photodiode
23-Feb-2021
K857PE-GS15 VISHAY-K857PE-GS15 Datasheet
236Kb / 7P
4-Quadrant Silicon PIN Photodiode
05-Oct-2021
K857PE VISHAY-K857PE_V01 Datasheet
236Kb / 7P
4-Quadrant Silicon PIN Photodiode
05-Oct-2021
More results


Similar Description - K857PE

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH204 SIEMENS-SFH204 Datasheet
105Kb / 2P
SILICON FOUR QUADRANT PHOTODIODE
logo
OPTEK Technologies
OP910 OPTEK-OP910 Datasheet
127Kb / 2P
PIN SILICON PHOTODIODE
Dec-1998
logo
TEMIC Semiconductors
BPW41N TEMIC-BPW41N Datasheet
99Kb / 5P
Silicon PIN Photodiode
logo
OPTEK Technologies
OP906 OPTEK-OP906 Datasheet
500Kb / 2P
PIN Silicon Photodiode
logo
Vishay Siliconix
BPV23NF VISHAY-BPV23NF_06 Datasheet
143Kb / 7P
Silicon PIN Photodiode
13-Nov-06
logo
Hamamatsu Corporation
S8284 HAMAMATSU-S8284 Datasheet
86Kb / 2P
Quadrant PIN photodiode for violet laser
logo
Vishay Siliconix
BPW24R VISHAY-BPW24R_08 Datasheet
144Kb / 5P
Silicon PIN Photodiode
11-Aug-08
BPW41N VISHAY-BPW41N_08 Datasheet
89Kb / 5P
Silicon PIN Photodiode
08-Sep-08
K857PE VISHAY-K857PE Datasheet
252Kb / 7P
4-Quadrant Silicon PIN Photodiode
23-Feb-2021
K857PE VISHAY-K857PE_V01 Datasheet
236Kb / 7P
4-Quadrant Silicon PIN Photodiode
05-Oct-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com