Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1201080522 Datasheet (PDF) - Molex Electronics Ltd.

1201080522 Datasheet PDF - Molex Electronics Ltd.
Part # 1201080522
Download  1201080522 Download
File Size   28.19 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Micro-Change (M12) to Standard RJ-45 Double-Ended Cordset, 4 Poles, Male (Straight) to Male RJ-45 (Straight), 22 AWG, Green Shielded TPU Cat5e Cable, 2.0m (6.56) Length

1201080522 Datasheet (PDF)

Go To PDF Page Download Datasheet
1201080522 Datasheet PDF - Molex Electronics Ltd.

Part # 1201080522
Download  1201080522 Click to download

File Size   28.19 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Micro-Change (M12) to Standard RJ-45 Double-Ended Cordset, 4 Poles, Male (Straight) to Male RJ-45 (Straight), 22 AWG, Green Shielded TPU Cat5e Cable, 2.0m (6.56) Length

1201080522 Datasheet (HTML) - Molex Electronics Ltd.


1201080522 Product details

General
Product Family Industrial Cordsets
Series 120108
Connector End A Micro-Change (M12)
Connector End B RJ-45 (standard)
IP Rating IP20, IP67
Material - Contact Brass, Phosphor Bronze
Overview Brad Industrial Ethernet Solutions
Performance Category 5e
Product Name Micro-Change (M12), RJ45
Region America, Asia, Europe
Taxonomy Circular Industrial Cordsets
Type Double Ended
UPC 78172545742




Similar Part No. - 1201080522

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1201080520 MOLEX-1201080520 Datasheet
28Kb / 2P
Micro-Change (M12) to Standard RJ-45 Double-Ended Cordset, 4 Poles, Female (Straight) to Male RJ-45 (Straight), 22 AWG, Green Shielded TPU Cat5e Cable, 2.0m (6.56) Length
01/31/2023
1201080521 MOLEX-1201080521 Datasheet
27Kb / 1P
Micro-Change (M12) to Standard RJ-45 Double-Ended Cordset, 4 Poles, Male (Straight) to Male RJ-45 (Straight), 22 AWG, Green Shielded TPU Cat5e Cable, 1.0m (3.28) Length
02/01/2023
1201080524 MOLEX-1201080524 Datasheet
27Kb / 1P
Micro-Change (M12) to Standard RJ-45 Double-Ended Cordset, 4 Poles, Male (Straight) to Male RJ-45 (Straight), 22 AWG, Green Shielded TPU Cat5e Cable, 10.0m (32.81) Length
02/01/2023
More results


Similar Description - 1201080522

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1201080203 MOLEX-1201080203 Datasheet
28Kb / 2P
Micro-Change (M12) to RJ-45 Double-Ended Cordset, 4 Poles, Male (Straight) to Male RJ-45, 22 AWG, Shielded PUR Cable, 2.0m (6.56) Length
01/31/2023
1201080520 MOLEX-1201080520 Datasheet
28Kb / 2P
Micro-Change (M12) to Standard RJ-45 Double-Ended Cordset, 4 Poles, Female (Straight) to Male RJ-45 (Straight), 22 AWG, Green Shielded TPU Cat5e Cable, 2.0m (6.56) Length
01/31/2023
1201080521 MOLEX-1201080521 Datasheet
27Kb / 1P
Micro-Change (M12) to Standard RJ-45 Double-Ended Cordset, 4 Poles, Male (Straight) to Male RJ-45 (Straight), 22 AWG, Green Shielded TPU Cat5e Cable, 1.0m (3.28) Length
02/01/2023
1201088331 MOLEX-1201088331 Datasheet
27Kb / 1P
Micro-Change (M12) to Standard RJ-45 Double-Ended Cordset, 4 Poles, Male (Straight) to Male RJ-45 (Straight), 22 AWG, Green Shielded TPU Cat5e Cable, 3.0m (9.84) Length
02/01/2023
1201088333 MOLEX-1201088333 Datasheet
27Kb / 1P
Micro-Change (M12) to Standard RJ-45 Double-Ended Cordset, 4 Poles, Male (Straight) to Male RJ-45 (Straight), 22 AWG, Green Shielded TPU Cat5e Cable, 5.0m (16.40) Length
02/02/2023
1201088451 MOLEX-1201088451 Datasheet
28Kb / 1P
Micro-Change (M12) to Standard RJ-45 Double-Ended Cordset, 4 Poles, Male (Straight) to Male RJ-45 (Straight), 24 AWG, Teal Shielded TPU Cat5e Cable, 2.0m (6.56) Length
02/02/2023
1300488099 MOLEX-1300488099 Datasheet
28Kb / 2P
Micro-Change (M12) to Standard RJ-45 Double-Ended Cordset, 4 Poles, Male (Straight) to Male RJ-45 (Straight), 26 AWG, Teal Shielded PVC Cat5e Cable, 2.0m (6.56) Length
02/01/2023
1201080524 MOLEX-1201080524 Datasheet
27Kb / 1P
Micro-Change (M12) to Standard RJ-45 Double-Ended Cordset, 4 Poles, Male (Straight) to Male RJ-45 (Straight), 22 AWG, Green Shielded TPU Cat5e Cable, 10.0m (32.81) Length
02/01/2023
1201088339 MOLEX-1201088339 Datasheet
27Kb / 1P
Micro-Change (M12) to Standard RJ-45 Double-Ended Cordset, 4 Poles, Male (Straight) to Male RJ-45 (Straight), 22 AWG, Green Shielded TPU Cat5e Cable, 15.0m (49.21) Length
03/07/2023
1201088340 MOLEX-1201088340 Datasheet
27Kb / 1P
Micro-Change (M12) to Standard RJ-45 Double-Ended Cordset, 4 Poles, Male (Straight) to Male RJ-45 (Straight), 22 AWG, Green Shielded TPU Cat5e Cable, 20.0m (65.62) Length
02/01/2023
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com