Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VEMT3700F Datasheet (PDF) - Vishay Siliconix

VEMT3700F Datasheet PDF - Vishay Siliconix
Part # VEMT3700F
Download  VEMT3700F Download
File Size   129.34 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Silicon NPN Phototransistor

VEMT3700F Datasheet (PDF)

Go To PDF Page Download Datasheet
VEMT3700F Datasheet PDF - Vishay Siliconix

Part # VEMT3700F
Download  VEMT3700F Click to download

File Size   129.34 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Silicon NPN Phototransistor

VEMT3700F Datasheet (HTML) - Vishay Siliconix


VEMT3700F Product details

DESCRIPTION
VEMT3700F is a high speed silicon NPN epitaxial planar
phototransistor in a miniature PLCC-2 package. The
integrated daylight blocking filter is matched to 950 nm
IR emitters.

FEATURES
• Package type: surface mount
• Package form: PLCC-2
• Dimensions (L x W x H in mm): 3.5 x 2.8 x 1.75
• High radiant sensitivity
• Fast response times
• Daylight blocking filter matched with 870 nm to
950 nm emitters
• Angle of half sensitivity: ϕ = ± 60°
• Package notch indicates collector
• Package matched with IR emitter series VSML3710
• Floor life: 168 h, MSL 3, acc. J-STD-020
• Lead (Pb)-free reflow soldering
• Compliant to RoHS directive 2002/95/EC and in
accordance to WEEE 2002/96/EC




Similar Part No. - VEMT3700F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VEMT3700F VISHAY-VEMT3700F Datasheet
139Kb / 6P
Silicon NPN Phototransistor, RoHS Compliant
04-Sep-08
VEMT3700F VISHAY-VEMT3700F Datasheet
127Kb / 6P
Silicon NPN Phototransistor
14-Jul-10
VEMT3700F VISHAY-VEMT3700F Datasheet
128Kb / 6P
Silicon NPN Phototransistor
14-Jul-10
VEMT3700F-GS08 VISHAY-VEMT3700F-GS08 Datasheet
139Kb / 6P
Silicon NPN Phototransistor, RoHS Compliant
04-Sep-08
VEMT3700F-GS08 VISHAY-VEMT3700F-GS08 Datasheet
127Kb / 6P
Silicon NPN Phototransistor
14-Jul-10
More results


Similar Description - VEMT3700F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PN108CL PANASONIC-PN108CL Datasheet
63Kb / 3P
Silicon NPN Phototransistor
PNZ163NC PANASONIC-PNZ163NC Datasheet
323Kb / 3P
Silicon NPN Phototransistor
logo
Vishay Siliconix
TEKT5400S VISHAY-TEKT5400S Datasheet
166Kb / 7P
Silicon NPN Phototransistor
24-May-02
BPW17N VISHAY-BPW17N_05 Datasheet
348Kb / 7P
Silicon NPN Phototransistor
08-Mar-05
BPW17N VISHAY-BPW17N_08 Datasheet
91Kb / 5P
Silicon NPN Phototransistor,
08-Sep-08
BPW96B VISHAY-BPW96B Datasheet
109Kb / 5P
Silicon NPN Phototransistor
05-Sep-08
VEMT2000X01 VISHAY-VEMT2000X01 Datasheet
138Kb / 8P
Silicon NPN Phototransistor
21-Feb-11
VEMT2500X01 VISHAY-VEMT2500X01_11 Datasheet
140Kb / 8P
Silicon NPN Phototransistor
21-Feb-11
VEMT3700F VISHAY-VEMT3700F_10 Datasheet
127Kb / 6P
Silicon NPN Phototransistor
14-Jul-10
VEMT2523SLX01 VISHAY-VEMT2523SLX01 Datasheet
135Kb / 6P
Silicon NPN Phototransistor
05-Apr-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com