Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3071 Datasheet (PDF) - Alpha Wire

3071 Datasheet PDF - Alpha Wire
Part # 3071
Download  3071 Download
File Size   98.4 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

3071 Datasheet (PDF)

Go To PDF Page Download Datasheet
3071 Datasheet PDF - Alpha Wire

Part # 3071
Download  3071 Click to download

File Size   98.4 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

3071 Datasheet (HTML) - Alpha Wire


3071 Product details

Construction
1) Component 1 1 X 1 HOOKUP
a) Conductor 22 (7/30) AWG Tinned Copper 0.030
b) Insulation 0.032" Wall, Nom. PVC 0.094+/- 0.004
(1) Print
ALPHA WIRE E163872-* (UL) MTW 600V OR AWM STYLE
1015/1230 105C 600V VW-1 IEC 60332-2 22 AWG
OR CRU AWM I A/B 105C 600V FT1
OR TEW 105C 600V FT1 CE ROHS
{0} * = Factory Code
(2) Color(s)
WHITE, BLACK, RED, GREEN, YELLOW, BLUE, BROWN
ORANGE, SLATE, VIOLET, GREEN/YELLOW, YELLOW/GREEN
WHITE/BLUE




Similar Part No. - 3071

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
3071 ALPHAWIRE-3071 Datasheet
70Kb / 3P
Customer Specification
logo
KR Electronics, Inc.
3071 KR-3071 Datasheet
59Kb / 3P
140 MHz Bandpass Filter
logo
3M Electronics
3071 3M-3071 Datasheet
29Kb / 2P
Scotch짰 Recycled Corrugate Tape
logo
Heyco.
3071 HEYCO-3071 Datasheet
117Kb / 1P
Pry Out Plugs
logo
Videk Ltd
3071 VIDEK-3071 Datasheet
77Kb / 1P
The 5 pin DIN cables are appropriate for AT style keyboards and the 9 D type cables for serial mice.
More results


Similar Description - 3071

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com