Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3116133 Datasheet (PDF) - Alpha Wire

3116133 Datasheet PDF - Alpha Wire
Part # 3116133
Download  3116133 Download
File Size   99.22 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

3116133 Datasheet (PDF)

Go To PDF Page Download Datasheet
3116133 Datasheet PDF - Alpha Wire

Part # 3116133
Download  3116133 Click to download

File Size   99.22 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

3116133 Datasheet (HTML) - Alpha Wire


3116133 Product details

Construction
1) Component 1 1 X 1 HOOKUP
a) Conductor
6 (133(7x19)/27) AWG 27% Nickel
Platted Copper
0.214
b) Insulation 0.030" Wall, Nom. Mica Glass Tape 0.274+/- 0.004
(1) Color(s) WHITE
2) Jacket
0.015" Wall, Nom.,PTFE
Impregnated Fiberglass
0.304 +/- 0.007
a) Color(s) NATURAL TAN




Similar Part No. - 3116133

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
31161 MACOM-31161 Datasheet
40Kb / 1P
TERMINAL, RING, DIAMOND GRIP, WIRE SIZE, 22-16 AWG
31161 MACOM-31161 Datasheet
662Kb / 60P
SOLISTRAND, Budget and DIAMOND GRIP
logo
PHOENIX CONTACT
31161501 PHOENIX-31161501 Datasheet
149Kb / 3P
Screw plug - PROT-MINMS-PA-CHAIN
31161501 PHOENIX-31161501 Datasheet
125Kb / 3P
Screw plug - PROT-M 8 MS-PA-CHAIN
31161501 PHOENIX-31161501 Datasheet
132Kb / 3P
Screw plug - PROT-M12 MS-PA-CHAIN
More results


Similar Description - 3116133

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com