Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

394133 Datasheet (PDF) - Alpha Wire

394133 Datasheet PDF - Alpha Wire
Part # 394133
Download  394133 Download
File Size   97.95 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

394133 Datasheet (PDF)

Go To PDF Page Download Datasheet
394133 Datasheet PDF - Alpha Wire

Part # 394133
Download  394133 Click to download

File Size   97.95 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

394133 Datasheet (HTML) - Alpha Wire


394133 Product details

Construction
1) Component 1 1 X 1 HOOKUP
a) Conductor
4 (133(7x19)/25) AWG Tinned
Copper
0.269
b) Insulation 0.063" Wall, Nom. Silicone Rubber 0.395+/- 0.006
(1) Print
ALPHA WIRE-*
4 AWG E163869 RU AWM STYLE 3213 150C 600V
LLXXXXX CSA I A/B 150C 600V FT2
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending upon plant of
manufacture.]
(2) Color(s) WHITE




Similar Part No. - 394133

ManufacturerPart #DatasheetDescription
logo
3M Electronics
394 3M-394 Datasheet
130Kb / 5P
3M™ Vent Tape 394
Jan-2006
logo
Adafruit Industries
394 ADAFRUIT-394 Datasheet
265Kb / 2P
Pogo Pins "Spear Head" (10 pack) - P75-LM3
7/21/2015
logo
Wakefield Thermal, Inc.
394-1AB WAKEFIELDTHERMAL-394-1AB Datasheet
351Kb / 7P
Extruded Heat Sinks
394-2AB WAKEFIELDTHERMAL-394-2AB Datasheet
351Kb / 7P
Extruded Heat Sinks
logo
Allegro MicroSystems
3940 ALLEGRO-3940_03 Datasheet
598Kb / 12P
FULL-BRIDGE POWER MOSFET CONTROLLER
More results


Similar Description - 394133

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com