Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC164S Datasheet (PDF) - Infineon Technologies AG

XC164S Datasheet PDF - Infineon Technologies AG
Part # XC164S
Download  XC164S Download
File Size   1026.82 Kbytes
Page   72 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 16-Bit Single-Chip Microcontroller with C166SV2 Core

XC164S Datasheet (PDF)

Go To PDF Page Download Datasheet
XC164S Datasheet PDF - Infineon Technologies AG

Part # XC164S
Download  XC164S Click to download

File Size   1026.82 Kbytes
Page   72 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 16-Bit Single-Chip Microcontroller with C166SV2 Core

XC164S Datasheet (HTML) - Infineon Technologies AG


XC164S Product details

Introduction
The XC164S derivatives are high-performance members of the Infineon XC166 Family of full featured single-chip CMOS microcontrollers. These devices extend the functionality and performance of the C166 Family in terms of instructions (MAC unit), peripherals, and speed. They combine high CPU performance (up to 40 million
instructions per second) with high peripheral functionality and enhanced IO-capabilities. They also provide clock generation via PLL and various on-chip memory modules such as program Flash, program RAM, and data RAM.

Summary of Features
• High Performance 16-bit CPU with 5-Stage Pipeline
– 25 ns Instruction Cycle Time at 40 MHz CPU Clock (Single-Cycle Execution)
– 1-Cycle Multiplication (16 × 16 bit), Background Division (32 / 16 bit) in 21 Cyc
– 1-Cycle Multiply-and-Accumulate (MAC) Instructions
– Enhanced Boolean Bit Manipulation Facilities
– Zero-Cycle Jump Execution
– Additional Instructions to Support HLL and Operating Systems
– Register-Based Design with Multiple Variable Register Banks
– Fast Context Switching Support with Two Additional Local Register Banks
– 16 Mbytes Total Linear Address Space for Code and Data
– 1024 Bytes On-Chip Special Function Register Area (C166 Family Compatible
• 16-Priority-Level Interrupt System with up to 67 Sources, Sample-Rate down to 50
• 8-Channel Interrupt-Driven Single-Cycle Data Transfer Facilities via Peripheral Event Controller (PEC), 24-Bit Pointers Cover Total Address Space
• Clock Generation via on-chip PLL (factors 1:0.15 … 1:10), or via Prescaler (factors 1:1 … 60:1)
• On-Chip Memory Modules
– 2 Kbytes On-Chip Dual-Port RAM (DPRAM)
– 2 Kbytes On-Chip Data SRAM (DSRAM)
– 2 Kbytes On-Chip Program/Data SRAM (PSRAM)
– up to 128 Kbytes On-Chip Program Memory (Flash Memory)
• On-Chip Peripheral Modules
– 14-Channel A/D Converter with Programmable Resolution (10-bit or 8-bit) a Conversion Time (down to 2.55 µs or 2.15 µs)
– Two 16-Channel General Purpose Capture/Compare Units (12 Input/Output P
– Capture/Compare Unit for flexible PWM Signal Generation (CAPCOM6) (3/6 Capture/Compare Channels and 1 Compare Channel)
– Multi-Functional General Purpose Timer Unit with 5 Timers
– Two Synchronous/Asynchronous Serial Channels (USARTs)
– Two High-Speed-Synchronous Serial Channels
– On-Chip Real Time Clock
• Idle, Sleep, and Power Down Modes with Flexible Power Management
• Programmable Watchdog Timer and Oscillator Watchdog
• Up to 12 Mbytes External Address Space for Code and Data
– Programmable External Bus Characteristics for Different Address Ranges
– Multiplexed or Demultiplexed External Address/Data Buses
– Selectable Address Bus Width
– 16-Bit or 8-Bit Data Bus Width
– Four Programmable Chip-Select Signals
• Up to 79 General Purpose I/O Lines, partly with Selectable Input Thresholds and Hysteresis




Similar Part No. - XC164S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC164S-16F INFINEON-XC164S-16F Datasheet
1Mb / 77P
16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.2, Aug. 2006
XC164S-16R INFINEON-XC164S-16R Datasheet
1Mb / 77P
16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.2, Aug. 2006
XC164S-32F INFINEON-XC164S-32F Datasheet
1Mb / 76P
16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Aug. 2006
XC164S-8F INFINEON-XC164S-8F Datasheet
1Mb / 77P
16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.2, Aug. 2006
XC164S-8R INFINEON-XC164S-8R Datasheet
1Mb / 77P
16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.2, Aug. 2006
More results


Similar Description - XC164S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC161CS-32F INFINEON-XC161CS-32F Datasheet
1Mb / 84P
16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Nov. 2004
XC164D INFINEON-XC164D Datasheet
996Kb / 70P
16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Jan. 2005
XC167CI-16F INFINEON-XC167CI-16F Datasheet
1Mb / 89P
16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.2, March 2006
XC167CS-32F INFINEON-XC167CS-32F Datasheet
1Mb / 90P
16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, June 2005
XC164TH INFINEON-XC164TH_07 Datasheet
1Mb / 66P
16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.2, March 2007
XC161CS-32F INFINEON-XC161CS-32F_06 Datasheet
1Mb / 87P
16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.2, Aug. 2006
XC164CM INFINEON-XC164CM_07 Datasheet
2Mb / 70P
16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.4, March 2007
XC164N-32F INFINEON-XC164N-32F Datasheet
1Mb / 72P
16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.0, Aug. 2006
XC164S-16F INFINEON-XC164S-16F Datasheet
1Mb / 77P
16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.2, Aug. 2006
XC167CI-16F INFINEON-XC167CI-16F_06 Datasheet
1Mb / 90P
16-Bit Single-Chip Microcontroller with C166SV2 Core
V1.3, Aug. 2006
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com