Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9512ATE Datasheet (PDF) - Maxim Integrated Products

MAX9512ATE Datasheet PDF - Maxim Integrated Products
Part # MAX9512ATE
Download  MAX9512ATE Download
File Size   347.98 Kbytes
Page   19 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Video Filter Amplifier with SmartSleep and Y/C Mixer Circuit

MAX9512ATE Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9512ATE Datasheet PDF - Maxim Integrated Products

Part # MAX9512ATE
Download  MAX9512ATE Click to download

File Size   347.98 Kbytes
Page   19 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Video Filter Amplifier with SmartSleep and Y/C Mixer Circuit

MAX9512ATE Datasheet (HTML) - Maxim Integrated Products


MAX9512ATE Product details

General Description
The MAX9512 video filter amplifier with SmartSleep and Y/C mixer is ideal for portable media players (PMPs), portable DVD players, and set-top boxes (STBs). The inputs can be directly connected to the digital-to-analog converter (DAC) outputs. The dual reconstruction filters remove high-frequency signals above 6.75MHz. The Y/C-to-CVBS mixer creates a composite video signal from luma and chroma. The four amplifiers each have 6dB of gain. The outputs can be DC-coupled to a load of 75Ω, which is equivalent to two video loads, or AC-coupled to a load of 150Ω.

Features
♦ SmartSleep Feature Detects Input Signal and
   Output Load Status to Reduce Power
   Consumption
♦ Dual Standard-Definition Video Reconstruction
   Filters with 6.75MHz Passband
♦ Luma and Chroma Inputs
♦ Y/C-to-CVBS Mixer
♦ Luma, Chroma, and Two Composite Outputs
♦ Supports Two Video Loads at Each Output
   (DC-Coupled)
♦ 2.7V to 3.6V Single-Supply Operation

Applications
   Portable Media Players (PMPs)
   Portable DVD Players
   Set-Top Boxes (STBs)
   Portable Applications




Similar Part No. - MAX9512ATE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9512ATE+ MAXIM-MAX9512ATE+ Datasheet
338Kb / 19P
Video Filter Amplifier with SmartSleep and Y/C Mixer Circuit
Rev 2; 2/09
More results


Similar Description - MAX9512ATE

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2274 NJRC-NJM2274 Datasheet
30Kb / 4P
LOW POWER VIDEO AMPLIFIER WITH Y-C MIXER
NJM2509 NJRC-NJM2509 Datasheet
194Kb / 5P
VIDEO SUPER INPOSER WITH Y-C MIXER
NJM2567 NJRC-NJM2567 Datasheet
75Kb / 5P
Low Voltage Video Amplifier with Y/C MIX and Filter
logo
Maxim Integrated Produc...
MAX9508 MAXIM-MAX9508 Datasheet
400Kb / 25P
Video Filter Amplifier with SmartSleep and Bidirectional Video Support
Rev 0; 5/06
logo
List of Unclassifed Man...
SPT2210 ETC1-SPT2210 Datasheet
111Kb / 2P
Y/C VIDEO ENCODER
logo
Maxim Integrated Produc...
MAX9513 MAXIM-MAX9513 Datasheet
363Kb / 23P
CVBS Video Filter Amplifier with SmartSleep and Bidirectional Video Support
Rev 0; 7/06
logo
Agamem Microelectronic ...
AA8674 AGAMEM-AA8674 Datasheet
178Kb / 5P
LOW POWER VIDEOE AMPLIFIER WITH Y-C MIXER
logo
Maxim Integrated Produc...
MAX9508 MAXIM-MAX9508_09 Datasheet
387Kb / 25P
CVBS/S-Video Filter Amplifier with SmartSleep and Bidirectional Video Support
Rev 2; 1/09
MAX9512 MAXIM-MAX9512_09 Datasheet
338Kb / 19P
Video Filter Amplifier with SmartSleep and Y/C Mixer Circuit
Rev 2; 2/09
MAX9513 MAXIM-MAX9513_09 Datasheet
649Kb / 23P
CVBS Video Filter Amplifier with SmartSleep and Bidirectional Video Support
Rev 1; 2/09
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com