Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RE3485ECHT Datasheet (PDF) - Guangzhou Reicu Electronic Technology Co., Ltd

RE3485ECHT Datasheet PDF - Guangzhou Reicu Electronic Technology Co., Ltd
Part # RE3485ECHT
Download  RE3485ECHT Download
File Size   5987.54 Kbytes
Page   1 Pages
Manufacturer  REICU [Guangzhou Reicu Electronic Technology Co., Ltd]
Direct Link  http://www.reicu.com/en/index.php
Logo REICU - Guangzhou Reicu Electronic Technology Co., Ltd
Description 485 Enhanced Isolation Transceiver Module

RE3485ECHT Datasheet (PDF)

Go To PDF Page Download Datasheet
RE3485ECHT Datasheet PDF - Guangzhou Reicu Electronic Technology Co., Ltd

Part # RE3485ECHT
Download  RE3485ECHT Click to download

File Size   5987.54 Kbytes
Page   1 Pages
Manufacturer  REICU [Guangzhou Reicu Electronic Technology Co., Ltd]
Direct Link  http://www.reicu.com/en/index.php
Logo REICU - Guangzhou Reicu Electronic Technology Co., Ltd
Description 485 Enhanced Isolation Transceiver Module

RE3485ECHT Datasheet (HTML) - Guangzhou Reicu Electronic Technology Co., Ltd


RE3485ECHT Product details

Product Features :
* A dynamic voltage :: 3.3V5.0V
* Isolation voltage: 3000VDC
* Transmission rate 500Kbps(MAX)
* One bus overvoltage protection
* A quiescent current <35mA(Typ)
* No need for external garden circuit, simplifying the design
* ESD protection CContact +2KV: Ain +15KV)
* Working temperature range: -40C - +85IC
* One input reverse polarity protection




Similar Part No. - RE3485ECHT

ManufacturerPart #DatasheetDescription
logo
Guangzhou Reicu Electro...
RE3485ECT REICU-RE3485ECT Datasheet
514Kb / 1P
485 Isolated transceiver module
REV:16.2
More results


Similar Description - RE3485ECHT

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP483E SIPEX-SP483E_05 Datasheet
83Kb / 11P
Enhanced Low EMI Half-Duplex RS-485 Transceiver
logo
MORNSUN Science& Techno...
TD31IP485H MORNSUN-TD31IP485H Datasheet
750Kb / 3P
DUAL ISOLATION HIGH SPEED H-485 TRANSCEIVER
TD312P485H MORNSUN-TD312P485H Datasheet
493Kb / 3P
DUAL HIGH SPEED H-485 ISOLATION TRANSCEIVER
TD301D485 MORNSUN-TD301D485_15 Datasheet
877Kb / 4P
Isolation transceiver module
TD301D485H-E MORNSUN-TD301D485H-E_15 Datasheet
273Kb / 4P
Isolation transceiver module
logo
Guangzhou Reicu Electro...
PCM1051A REICU-PCM1051A Datasheet
5Mb / 1P
CAN Isolation transceiver module
REV:20.1
PCM8251AT REICU-PCM8251AT Datasheet
5Mb / 1P
CAN Isolation transceiver module
REV:20.1
RE3485CT REICU-RE3485CT Datasheet
1Mb / 1P
485 Isolated transceiver module
REV:15.4
RE3485ECT REICU-RE3485ECT Datasheet
514Kb / 1P
485 Isolated transceiver module
REV:16.2
RE385CTR3 REICU-RE385CTR3 Datasheet
6Mb / 1P
485 Isolated transceiver module
REV:19.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com