Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BB-9PAMF6 Datasheet (PDF) - Advantech Co., Ltd.

BB-9PAMF6 Datasheet PDF - Advantech Co., Ltd.
Part # BB-9PAMF6
Download  BB-9PAMF6 Download
File Size   381.31 Kbytes
Page   1 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description Isolated In-line Serial Converters

BB-9PAMF6 Datasheet (PDF)

Go To PDF Page Download Datasheet
BB-9PAMF6 Datasheet PDF - Advantech Co., Ltd.

Part # BB-9PAMF6
Download  BB-9PAMF6 Click to download

File Size   381.31 Kbytes
Page   1 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description Isolated In-line Serial Converters

BB-9PAMF6 Datasheet (HTML) - Advantech Co., Ltd.


BB-9PAMF6 Product details

• RS-232 to RS-422 or RS-485 (2 or 4 wire) serial conversion
• 2,000V two-way optical isolation
• Data rate: 115.2 kbps
• Quick, inline installation
• Modbus compatible
• 10 to 48 VDC external power required (not included, sold separately)
• Removable terminal blocks for RS-422/485
• Automatic Send Data Control - no software drivers required
Features




Similar Part No. - BB-9PAMF6

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
BB-9PAMF6 ADVANTECH-BB-9PAMF6 Datasheet
746Kb / 1P
DB9M to DB9F Serial Cables
BB-9PAMF6 ADVANTECH-BB-9PAMF6 Datasheet
548Kb / 2P
Port-powered RS-232 to RS-422 Converter
BB-9PAMF6 ADVANTECH-BB-9PAMF6 Datasheet
419Kb / 1P
RS-422/485 Converter, Industrial
8-Apr-2021
BB-9PAMF6 ADVANTECH-BB-9PAMF6 Datasheet
336Kb / 1P
Isolated Serial Converter
BB-9PAMF6 ADVANTECH-BB-9PAMF6 Datasheet
395Kb / 2P
AirborneM2M™ Ethernet Dual Band (2.4 GHz, 5 GHz) Industrial Access Point
More results


Similar Description - BB-9PAMF6

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RXL-02T050 BEL-0RXL-02T050 Datasheet
113Kb / 5P
ISOLATED DC/DC CONVERTERS
logo
EPCOS
B84142-A250-S2 EPCOS-B84142-A250-S2 Datasheet
172Kb / 7P
72-Line Filters for Converters in Traction Systems
logo
International Rectifier
IRF7855TRPBF IRF-IRF7855TRPBF Datasheet
618Kb / 8P
Primary Side Switch in Bridge Topology in Isolated DC-DC Converters
logo
Tripp Lite. All Rights ...
DB25ALL TRIPPLITE-DB25ALL Datasheet
484Kb / 2P
Datashield Serial In-Line Surge Protector, DB25
logo
International Rectifier
IRF7855PBF IRF-IRF7855PBF_15 Datasheet
618Kb / 8P
Primary Side Switch in Bridge Topology in Isolated DC-DC Converters
logo
Tripp Lite. All Rights ...
DB9 TRIPPLITE-DB9 Datasheet
160Kb / 3P
Datashield Serial In-Line Surge Protector
DB25-ALL TRIPPLITE-DB25-ALL Datasheet
160Kb / 3P
Datashield Serial In-Line Surge Protector
logo
Advantech Co., Ltd.
BB-USO9ML4 ADVANTECH-BB-USO9ML4 Datasheet
257Kb / 2P
In-line USB Converters
logo
Schneider Electric
HMIYMINSL22321 SCHNEIDER-HMIYMINSL22321 Datasheet
114Kb / 2P
Serial line interface, Harmony iPC, mini PCIe 2xRS232 Isolated for
May 6, 2022
logo
Advantech Co., Ltd.
BB-485OI9TB ADVANTECH-BB-485OI9TB Datasheet
336Kb / 1P
Isolated Serial Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com