Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2624 Datasheet (PDF) - Alpha Wire

2624 Datasheet PDF - Alpha Wire
Part # 2624
Download  2624 Download
File Size   98.58 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

2624 Datasheet (PDF)

Go To PDF Page Download Datasheet
2624 Datasheet PDF - Alpha Wire

Part # 2624
Download  2624 Click to download

File Size   98.58 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

2624 Datasheet (HTML) - Alpha Wire


2624 Product details

Construction
1) Component 1 1 X 1 HOOKUP
a) Conductor
24 (19/36) AWG 10% Nickel Plated
Copper
0.024
b) Insulation 0.007" Wall, Nom. FLUOROPLASTIC 0.038+/- 0.002
(1) Tint Color(s)
WHITE, BLACK, RED, GREEN, YELLOW, BLUE, BROWN
ORANGE




Similar Part No. - 2624

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2624 KR-2624 Datasheet
47Kb / 2P
Bandpass Filter
logo
Heyco.
2624 HEYCO-2624 Datasheet
135Kb / 1P
Large Dome Plugs
logo
WAGO Kontakttechnik Gmb...
2624-1102 WAGO-2624-1102 Datasheet
374Kb / 8P
PCB terminal block; 4 mm²; Pin spacing 5 mm; 2-pole; Push-in CAGE CLAMP®; 4,00 mm²; gray
21.11.2022
2624-1105 WAGO-2624-1105 Datasheet
374Kb / 8P
PCB terminal block; 4 mm²; Pin spacing 5 mm; 5-pole; Push-in CAGE CLAMP®; 4,00 mm²; gray
21.11.2022
2624-1108 WAGO-2624-1108 Datasheet
374Kb / 8P
PCB terminal block; 4 mm²; Pin spacing 5 mm; 8-pole; Push-in CAGE CLAMP®; 4,00 mm²; gray
21.11.2022
More results


Similar Description - 2624

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com