Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3112133 Datasheet (PDF) - Alpha Wire

3112133 Datasheet PDF - Alpha Wire
Part # 3112133
Download  3112133 Download
File Size   99.22 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

3112133 Datasheet (PDF)

Go To PDF Page Download Datasheet
3112133 Datasheet PDF - Alpha Wire

Part # 3112133
Download  3112133 Click to download

File Size   99.22 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

3112133 Datasheet (HTML) - Alpha Wire


3112133 Product details

Construction
1) Component 1 1 X 1 HOOKUP
a) Conductor
2 (133(7x19)/23) AWG 27% Nickel
Platted Copper
0.340
b) Insulation 0.035" Wall, Nom. Mica Glass Tape 0.410+/- 0.004
(1) Color(s) WHITE
2) Jacket
0.015" Wall, Nom.,PTFE
Impregnated Fiberglass
0.440 +/- 0.007
a) Color(s) NATURAL TAN




Similar Part No. - 3112133

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
3112 FRONTIER-3112 Datasheet
96Kb / 1P
Common Mode Line Filters
logo
List of Unclassifed Man...
3112 ETC2-3112 Datasheet
113Kb / 2P
FLAT WASHERS NYLON FIBRE
3112 ETC2-3112 Datasheet
158Kb / 3P
3/8 Square Drive Sockets, SAE
logo
KR Electronics, Inc.
3112 KR-3112 Datasheet
57Kb / 3P
300 MHz Bandpass Filter
logo
List of Unclassifed Man...
3112 ETC2-3112 Datasheet
68Kb / 1P
WASHERS
More results


Similar Description - 3112133

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com