Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6825 Datasheet (PDF) - Alpha Wire

6825 Datasheet PDF - Alpha Wire
Part # 6825
Download  6825 Download
File Size   98.38 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

6825 Datasheet (PDF)

Go To PDF Page Download Datasheet
6825 Datasheet PDF - Alpha Wire

Part # 6825
Download  6825 Click to download

File Size   98.38 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

6825 Datasheet (HTML) - Alpha Wire


6825 Product details

Construction
1) Component 1 1 X 1 HOOKUP
a) Conductor 18 (19/.0092) AWG Bare Copper 0.046
b) Insulation
0.008" Wall, Nom. Modified
Polyphenylene Ether
0.062+/- 0.002
(1) Print
ALPHA WIRE ECOWIRE TM P/N 6825
18AWG (0.75MM2) 110C 300V ROHS CE
(2) Color(s)
WHITE, BLACK, RED, GREEN, YELLOW, BLUE, BROWN
ORANGE, GREEN/YELLOW




Similar Part No. - 6825

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
6825 VECTRON-6825 Datasheet
457Kb / 4P
Temperature Compensated Crystal Oscillators
logo
Alpha Wire
6825 ALPHAWIRE-6825 Datasheet
106Kb / 4P
Customer Specification
logo
TE Connectivity Ltd
68253-1 TEC-68253-1 Datasheet
328Kb / 5P
AMPOWER Crimping Die Assemblies
logo
Tyco Electronics
68254-1 MACOM-68254-1 Datasheet
659Kb / 17P
Pneumatic Tools
logo
Turck, Inc.
6825482 TURCK-6825482 Datasheet
1Mb / 5P
Ultrasonic Sensor – Diffuse Mode Sensor
11/07/2023
More results


Similar Description - 6825

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com