Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6850 Datasheet (PDF) - Maxim Integrated Products

MAX6850 Datasheet PDF - Maxim Integrated Products
Part # MAX6850
Download  MAX6850 Download
File Size   485.56 Kbytes
Page   34 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 4-Wire Interfaced, 7-, 14-, and 16-Segment Alphanumeric Vacuum-Fluorescent Display Controller

MAX6850 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX6850 Datasheet PDF - Maxim Integrated Products

Part # MAX6850
Download  MAX6850 Click to download

File Size   485.56 Kbytes
Page   34 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 4-Wire Interfaced, 7-, 14-, and 16-Segment Alphanumeric Vacuum-Fluorescent Display Controller

MAX6850 Datasheet (HTML) - Maxim Integrated Products


MAX6850 Product details

General Description
The MAX6850 compact vacuum-fluorescent display (VFD) controller provides microprocessors with the multiplex timing for 7-segment, 14-segment, or 16-segment alphanumeric VFD displays up to 96 characters and controls industry-standard, shift-register, high-voltage grid/anode VFD tube drivers. The device supports display tubes using either one or two digits per grid, as well as universal displays. Hardware is included to simplify the generation of cathode bias and filament supplies and to provide up to five logic outputs, including a buzzer driver. The MAX6850 provides an internal crosspoint switch to match any tube-driver shift-register grid/anode order, and is compatible with both chip-inglass and external tube drivers.

Features
♦ High-Speed 26MHz SPI-/QSPI-/MICROWIRE™-Compatible Serial Interface
♦ 2.7V to 3.6V Operation
♦ Controls Up to 48 Grids of 7-Segment, 14-Segment, or 16-Segment Alphanumeric Digits
♦ One Digit and Two Digits per Grid and Universal Displays Supported
♦ 16-Step Digital Brightness Control
♦ Built-In ASCII 104-Character Font
♦ 24 User-Definable Characters
♦ Up to Four Annunciators per Grid with Automatic Blinking Control
♦ Separate Cursor Control with Automatic Blinking
♦ Filament Drive Full-Bridge Waveform Synthesis
♦ Buzzer Tone Generator with Single-Ended or Push-Pull Driver
♦ Up to Five General-Purpose Logic Outputs
♦ 9µA Low-Power Shutdown (Data Retained)
♦ 16-Pin QSOP Package

Applications
   Display Modules
   Retail POS Displays
   Weight and Tare Displays
   Bar Graph Displays
   Industrial Controllers
   White Goods
   Professional Audio Equipment




Similar Part No. - MAX6850

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX685 MAXIM-MAX685 Datasheet
141Kb / 12P
Dual-Output Positive and Negative, DC-DC Converter for CCD and LCD
Rev 0; 4/98
MAX685 MAXIM-MAX685 Datasheet
350Kb / 11P
Dual-Output (Positive and Negative), DC-DC Converter for CCD and LCD
2003
MAX6851 MAXIM-MAX6851 Datasheet
499Kb / 37P
2-Wire Interfaced, 7-, 14-, and 16-Segment Alpha numeric Vacuum -Fluorescent
Rev 0; 1/03
MAX6851AEE MAXIM-MAX6851AEE Datasheet
499Kb / 37P
2-Wire Interfaced, 7-, 14-, and 16-Segment Alpha numeric Vacuum -Fluorescent
Rev 0; 1/03
MAX6852 MAXIM-MAX6852 Datasheet
489Kb / 32P
4-Wire Interfaced, 5 x 7 Matrix Vacuum- Fluorescent Display Controller
Rev 1; 11/02
More results


Similar Description - MAX6850

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XAMR20A ETC1-XAMR20A Datasheet
170Kb / 3P
16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
logo
Maxim Integrated Produc...
MAX6852 MAXIM-MAX6852 Datasheet
489Kb / 32P
4-Wire Interfaced, 5 x 7 Matrix Vacuum- Fluorescent Display Controller
Rev 1; 11/02
logo
OKI electronic componet...
ML9209-XX OKI-ML9209-XX Datasheet
383Kb / 29P
Vacuum fluorescent display tube controller driver
logo
Maxim Integrated Produc...
MAX6853 MAXIM-MAX6853 Datasheet
487Kb / 35P
2-Wire Interfaced, 5 . 7 Matrix Vacuum- Fluorescent Display Controller
Rev 0; 10/02
MAX6851 MAXIM-MAX6851 Datasheet
499Kb / 37P
2-Wire Interfaced, 7-, 14-, and 16-Segment Alpha numeric Vacuum -Fluorescent
Rev 0; 1/03
logo
List of Unclassifed Man...
ML9286-03 ETC2-ML9286-03 Datasheet
425Kb / 37P
Vacuum fluorescent display tube controller driver
ML9289-01 ETC2-ML9289-01 Datasheet
471Kb / 31P
Vacuum fluorescent display tube controller driver
ML9209-XX ETC2-ML9209-XX Datasheet
437Kb / 29P
Vacuum fluorescent display tube controller driver
FEDL9209-01 ETC2-FEDL9209-01 Datasheet
263Kb / 29P
Vacuum fluorescent display tube controller driver
logo
LAPIS Semiconductor Co....
ML9289 LAPIS-ML9289 Datasheet
298Kb / 31P
Vacuum fluorescent display tube controller driver
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com