Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F07 Datasheet (PDF) - NXP Semiconductors

74F07 Datasheet PDF - NXP Semiconductors
Part # 74F07
Download  74F07 Download
File Size   76.57 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Inverter/buffer drivers

74F07 Datasheet (PDF)

Go To PDF Page Download Datasheet
74F07 Datasheet PDF - NXP Semiconductors

Part # 74F07
Download  74F07 Click to download

File Size   76.57 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Inverter/buffer drivers

74F07 Datasheet (HTML) - NXP Semiconductors


74F07 Product details

FEATURES OF 74F06, 74F07
• Open Collector output drive 64mA
• High speed
• 12V output termination voltage
• Symmetrical propagation delays

FEATURES OF 74F06A, 74F07A
• Open Collector output drive 48mA
• High speed
• 30V output termination voltage
• Replaces 74F06 and 74F07
• Improved performance upgrade for 74F06 and 74F07
• Reduced IOH leakage @ 30V




Similar Part No. - 74F07

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F07 PHILIPS-74F07 Datasheet
79Kb / 11P
Inverter/buffer drivers
2004 Mar 12
logo
Nexperia B.V. All right...
74F07 NEXPERIA-74F07 Datasheet
199Kb / 12P
Hex inverter/buffer drivers (open-collector)
2004 Mar 12
More results


Similar Description - 74F07

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD14049UB HITACHI-HD14049UB Datasheet
67Kb / 6P
Hex Inverter/Buffer
logo
NXP Semiconductors
74F07 PHILIPS-74F07 Datasheet
79Kb / 11P
Inverter/buffer drivers
2004 Mar 12
logo
ON Semiconductor
MC10195 ONSEMI-MC10195_02 Datasheet
87Kb / 4P
Hex Inverter/Buffer
January, 2002 ??Rev. 7
logo
Toshiba Semiconductor
TC7SGU04FE TOSHIBA-TC7SGU04FE Datasheet
165Kb / 6P
Inverter (Un-Buffer)
TC7SAU04F TOSHIBA-TC7SAU04F_07 Datasheet
202Kb / 8P
Inverter (Un-Buffer)
TC7SH34F TOSHIBA-TC7SH34F_09 Datasheet
173Kb / 7P
Non-Inverter Buffer
logo
NXP Semiconductors
N74F07D-T PHILIPS-N74F07D-T Datasheet
72Kb / 11P
Inverter/buffer drivers
2004 Mar 12
logo
Renesas Technology Corp
HD74ALVC1G04 RENESAS-HD74ALVC1G04_15 Datasheet
104Kb / 12P
Single Inverter Buffer
logo
Nexperia B.V. All right...
74F06 NEXPERIA-74F06 Datasheet
200Kb / 12P
Hex inverter/buffer drivers (open-collector)
2004 Mar 12
74F07 NEXPERIA-74F07 Datasheet
199Kb / 12P
Hex inverter/buffer drivers (open-collector)
2004 Mar 12
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com