Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC62LV51216L Datasheet (PDF) - Integrated Circuit Solution Inc

IC62LV51216L Datasheet PDF - Integrated Circuit Solution Inc
Part # IC62LV51216L
Download  IC62LV51216L Download
File Size   144.33 Kbytes
Page   12 Pages
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc
Description 512 K x 16 bit Low Voltage and Ultra Low Power CMOS Static RAM

IC62LV51216L Datasheet (PDF)

Go To PDF Page Download Datasheet
IC62LV51216L Datasheet PDF - Integrated Circuit Solution Inc

Part # IC62LV51216L
Download  IC62LV51216L Click to download

File Size   144.33 Kbytes
Page   12 Pages
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc
Description 512 K x 16 bit Low Voltage and Ultra Low Power CMOS Static RAM

IC62LV51216L Datasheet (HTML) - Integrated Circuit Solution Inc


IC62LV51216L Product details

DESCRIPTION
The ICSI IC62LV51216L and IC62LV51216LL are low-power, 8.388,608 bit static RAMs organized as 524,288 words by 16 bits. They are fabricated usingICSIs high-performance CMOS technology. This highly reliable process coupled with innovative circuit design techniques, yields high-performance and low power consumption devices.

FEATURES
• High-speed access times: 55, 70, 100 ns
• CMOS low power operation
    ICC=18mA (typical)* operating
    ISB2=3µA (typical)* CMOS standby
• TTL compatible interface levels
• Single 2.7V-3.6V Vcc power supply
• Fully static operation: no clock or refresh required
• Three state outputs
• Data control for upper and lower bytes
• Industrial temperature available
• Available in the know good die from 44-pin TSOP-2 and 48-pin 8x10mm TF-BGA
• CE2 pin only for 48-pin TF-BGA.




Similar Part No. - IC62LV51216L

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62LV5128L ICSI-IC62LV5128L Datasheet
179Kb / 11P
512Kx8 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV5128L-100B ICSI-IC62LV5128L-100B Datasheet
179Kb / 11P
512Kx8 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV5128L-100BI ICSI-IC62LV5128L-100BI Datasheet
179Kb / 11P
512Kx8 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV5128L-100H ICSI-IC62LV5128L-100H Datasheet
179Kb / 11P
512Kx8 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV5128L-100HI ICSI-IC62LV5128L-100HI Datasheet
179Kb / 11P
512Kx8 bit Low Voltage and Ultra Low Power CMOS Static RAM
More results


Similar Description - IC62LV51216L

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62WV12816ALL ISSI-IS62WV12816ALL Datasheet
112Kb / 17P
128K x 16 LOW VOLTAGE ULTRA LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS62LV12816L ICSI-IS62LV12816L Datasheet
462Kb / 10P
128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62U6416LL ISSI-IS62U6416LL Datasheet
82Kb / 9P
64K x 16 LOW VOLTAGE, ULTRA-LOW POWER CMOS STATIC RAM
IS62WV6416ALL ISSI-IS62WV6416ALL Datasheet
111Kb / 17P
64K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV51216ALL ISSI-IS62WV51216ALL Datasheet
129Kb / 16P
512K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS65WV12816ALL ISSI-IS65WV12816ALL Datasheet
133Kb / 19P
128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC62LV12816DL ICSI-IC62LV12816DL Datasheet
360Kb / 12P
128 K x 16 bit Low Voltage and Ultra Low Power CMOS Static RAM
logo
Integrated Silicon Solu...
IS62LV12816BLL ISSI-IS62LV12816BLL Datasheet
94Kb / 10P
128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62C51216AL ISSI-IS62C51216AL Datasheet
469Kb / 15P
512K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV12816DALL ISSI-IS62WV12816DALL Datasheet
429Kb / 17P
128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com