Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PNE20060CPE Datasheet (PDF) - Nexperia B.V. All rights reserved

PNE20060CPE Datasheet PDF - Nexperia B.V. All rights reserved
Part # PNE20060CPE
Download  PNE20060CPE Download
File Size   261.8 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 200 V, 2 x 3 A dual common cathode hyperfast recovery rectifier

PNE20060CPE Datasheet (PDF)

Go To PDF Page Download Datasheet
PNE20060CPE Datasheet PDF - Nexperia B.V. All rights reserved

Part # PNE20060CPE
Download  PNE20060CPE Click to download

File Size   261.8 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 200 V, 2 x 3 A dual common cathode hyperfast recovery rectifier

PNE20060CPE Datasheet (HTML) - Nexperia B.V. All rights reserved


PNE20060CPE Product details

Features and benefits
• Reverse voltage: VR ≤ 200 V
• Forward current: IF ≤ 3 A (per diode)
• Switching time: trr ≤ 30 ns
• Pt doped life time control
• Low inductance
• Power and flat lead SMD plastic package
• Package height typical 0.95 mm
• High power capability due to clip-bond technology
• Planar die design
• AEC-Q101 qualified

Applications
• General-purpose rectification
• Hyperfast switching
• Solenoid control
• Piezo injection
• Freewheeling applications




Similar Part No. - PNE20060CPE

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PNE20060CPE NEXPERIA-PNE20060CPE Datasheet
11Mb / 234P
Discrete and MOSFET components, analog & logic ICs
PNE20060CPE NEXPERIA-PNE20060CPE Datasheet
11Mb / 234P
Discrete and MOSFET components, analog & logic ICs
January 2020
PNE20060CPE-Q NEXPERIA-PNE20060CPE-Q Datasheet
262Kb / 13P
200 V, 2 x 3 A dual common cathode hyperfast recovery rectifier
10 September 2021
PNE20060CPE-QZ NEXPERIA-PNE20060CPE-QZ Datasheet
262Kb / 13P
200 V, 2 x 3 A dual common cathode hyperfast recovery rectifier
10 September 2021
More results


Similar Description - PNE20060CPE

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PNE20020ER NEXPERIA-PNE20020ER Datasheet
248Kb / 13P
200 V, 2 A hyperfast recovery rectifier
3 January 2019
PNE200100CPE-Q NEXPERIA-PNE200100CPE-Q Datasheet
264Kb / 13P
200 V, 2 x 5 A dual common cathode hyperfast recovery rectifier
10 September 2021
PNE200100CPE NEXPERIA-PNE200100CPE Datasheet
926Kb / 13P
200 V, 2 x 5 A dual common cathode hyperfast recovery rectifier
9 September 2021
PNE20040CPE-Q NEXPERIA-PNE20040CPE-Q Datasheet
260Kb / 13P
200 V, 2 x 2 A dual common cathode hyperfast recovery rectifier
29 October 2021
PNE20040CPE NEXPERIA-PNE20040CPE Datasheet
261Kb / 13P
200 V, 2 x 2 A dual common cathode hyperfast recovery rectifier
29 October 2021
PNE20060CPE-Q NEXPERIA-PNE20060CPE-Q Datasheet
262Kb / 13P
200 V, 2 x 3 A dual common cathode hyperfast recovery rectifier
10 September 2021
PNE20080CPE-Q NEXPERIA-PNE20080CPE-Q Datasheet
263Kb / 13P
200 V, 2 x 4 A dual common cathode hyperfast recovery rectifier
10 September 2021
PNE20080CPE NEXPERIA-PNE20080CPE Datasheet
923Kb / 13P
200 V, 2 x 4 A dual common cathode hyperfast recovery rectifier
9 September 2021
PNE20020AER-Q NEXPERIA-PNE20020AER-Q Datasheet
261Kb / 14P
200 V, 2 A hyperfast recovery rectifier
21 March 2023
PNE20020ER-Q NEXPERIA-PNE20020ER-Q Datasheet
254Kb / 13P
200 V, 2 A hyperfast recovery rectifier
21 March 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com