Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT32 Datasheet (PDF) - Silicon Supplies

74ACT32 Datasheet PDF - Silicon Supplies
Part # 74ACT32_V01
Download  74ACT32 Download
File Size   579.05 Kbytes
Page   5 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description Advanced CMOS TTL Input

74ACT32 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ACT32 Datasheet PDF - Silicon Supplies

Part # 74ACT32_V01
Download  74ACT32 Click to download

File Size   579.05 Kbytes
Page   5 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description Advanced CMOS TTL Input

74ACT32 Datasheet (HTML) - Silicon Supplies


74ACT32 Product details

Quad 2-Input OR Gate with LSTTL compatible inputs in bare die form

Description
The 74ACT32 quad 2-input OR gate is produced on a
1.5μm 5V CMOS process and provides four
independent 2-input OR gates with standard push-pull
outputs. The device gates perform the Boolean function
Y = A ● B or Y = A + B. Device inputs directly accept
LSTTL or CMOS. All inputs are protected against ESD
and excess voltage transients. This device is designed
specifically to interface both Bipolar Logic and High
Speed CMOS systems.

Features:
Inputs directly accept TTL
Outputs directly interface CMOS, NMOS and TTL
Outputs Source/Sink 24 mA
Low Input Current: 1μA
Functionally compatible with bipolar 74F32
Lower power alternative to bipolar logic.




Similar Part No. - 74ACT32_V01

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
74ACT32 SS-74ACT32_V02 Datasheet
495Kb / 5P
Advanced CMOS TTL Input
Rev 1.1 08/11/2022
More results


Similar Description - 74ACT32_V01

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
54ACT14 SS-54ACT14 Datasheet
371Kb / 5P
Advanced CMOS TTL Input
54ACT32 SS-54ACT32 Datasheet
733Kb / 5P
Advanced CMOS TTL Input
74ACT05 SS-74ACT05 Datasheet
571Kb / 5P
Advanced CMOS TTL Input
54ACT05 SS-54ACT05 Datasheet
575Kb / 5P
Advanced CMOS TTL Input
54ACT240 SS-54ACT240 Datasheet
735Kb / 6P
Advanced CMOS TTL Input
54ACT11 SS-54ACT11 Datasheet
511Kb / 5P
Advanced CMOS TTL Input
54ACT574 SS-54ACT574 Datasheet
909Kb / 6P
Advanced CMOS TTL Input
54ACT86 SS-54ACT86 Datasheet
541Kb / 5P
Advanced CMOS TTL Input
54ACT240 SS-54ACT240_V01 Datasheet
394Kb / 6P
Advanced CMOS TTL Input
Rev 1.1 30/11/21
54ACT32 SS-54ACT32_V01 Datasheet
578Kb / 5P
Advanced CMOS TTL Input
Rev 1.1 08/11/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com