Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MURC1520 Datasheet (PDF) - Silicon Supplies

MURC1520 Datasheet PDF - Silicon Supplies
Part # MURC1520
Download  MURC1520 Download
File Size   1965.64 Kbytes
Page   4 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description 200V 15A 35ns Rectifier

MURC1520 Datasheet (PDF)

Go To PDF Page Download Datasheet
MURC1520 Datasheet PDF - Silicon Supplies

Part # MURC1520
Download  MURC1520 Click to download

File Size   1965.64 Kbytes
Page   4 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description 200V 15A 35ns Rectifier

MURC1520 Datasheet (HTML) - Silicon Supplies


MURC1520 Product details

Ultra-Fast recovery rectifier diode in bare die form

Features:
Low leakage current
High forward surge current capability
Low forward voltage drop
Robust construction
High reliability tested grades.




Similar Part No. - MURC1520

ManufacturerPart #DatasheetDescription
logo
Sensitron
MURC1520 SENSITRON-MURC1520 Datasheet
352Kb / 6P
MURC1510-MURC1560 Ultrafast Silicon Die
More results


Similar Description - MURC1520

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE599 NTE-NTE599 Datasheet
18Kb / 2P
Silicon Rectifier Ultra Fast, 200V, 15A
logo
Shindengen Electric Mfg...
S15VB20 SHINDENGEN-S15VB20 Datasheet
262Kb / 5P
Bridge Diode(200V 15A)
S15WB20 SHINDENGEN-S15WB20 Datasheet
310Kb / 6P
Bridge Diode(200V 15A)
logo
Rohm
RDN150N20 ROHM-RDN150N20 Datasheet
101Kb / 4P
Switching (200V, 15A)
logo
IXYS Corporation
DSEE15-12CC IXYS-DSEE15-12CC Datasheet
516Kb / 2P
HiPerDynFREDTM Epitaxial Diode ISOPLUS220 (15A, 1200V, 35ns)
logo
International Rectifier
MUR3020WT IRF-MUR3020WT Datasheet
167Kb / 7P
Ultrafast Rectifier (trr = 35ns , IF(AV) = 30Amp , VR = 200V)
MURB1520PBF IRF-MURB1520PBF Datasheet
216Kb / 10P
Ultrafast Rectifier ( trr = 35ns , IF(AV) = 15Amp , VR = 200V )
logo
Silicon Supplies
MURC1505 SS-MURC1505 Datasheet
1Mb / 4P
50V 15A 35ns Rectifier
Rev 1.0 27/12/22
MURC1510 SS-MURC1510 Datasheet
1Mb / 4P
100V 15A 35ns Rectifier
Rev 1.0 27/12/22
MURC1515 SS-MURC1515 Datasheet
1Mb / 4P
150V 15A 35ns Rectifier
Rev 1.0 27/12/22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com