Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MURC1560 Datasheet (PDF) - Silicon Supplies

MURC1560 Datasheet PDF - Silicon Supplies
Part # MURC1560
Download  MURC1560 Download
File Size   1894.65 Kbytes
Page   4 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description 600V 15A 50ns Rectifier

MURC1560 Datasheet (PDF)

Go To PDF Page Download Datasheet
MURC1560 Datasheet PDF - Silicon Supplies

Part # MURC1560
Download  MURC1560 Click to download

File Size   1894.65 Kbytes
Page   4 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description 600V 15A 50ns Rectifier

MURC1560 Datasheet (HTML) - Silicon Supplies


MURC1560 Product details

Ultra-Fast recovery rectifier diode in bare die form

Features:
Low leakage current
High forward surge current capability
Low forward voltage drop
Robust construction
High reliability tested grades.




Similar Part No. - MURC1560

ManufacturerPart #DatasheetDescription
logo
Sensitron
MURC1560 SENSITRON-MURC1560 Datasheet
352Kb / 6P
MURC1510-MURC1560 Ultrafast Silicon Die
More results


Similar Description - MURC1560

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
6MBI15L-060 FUJI-6MBI15L-060 Datasheet
118Kb / 4P
IGBT(600V 15A)
logo
Fairchild Semiconductor
FFPF15S60S FAIRCHILD-FFPF15S60S Datasheet
241Kb / 5P
15A, 600V STEALTHTM II Rectifier
logo
Semtech Corporation
3FF30 SEMTECH-3FF30 Datasheet
125Kb / 4P
RECTIFIER, up to 600V, 3.4A, 50ns
SFF30 SEMTECH-SFF30 Datasheet
103Kb / 3P
RECTIFIER, 3kV, 360mA, 50ns
logo
Fairchild Semiconductor
ISL9R1560G_F085 FAIRCHILD-ISL9R1560G_F085 Datasheet
550Kb / 6P
15A, 600V Stealth Rectifier
RHRG1560_F085 FAIRCHILD-RHRG1560_F085 Datasheet
399Kb / 6P
15A, 600V Hyperfast Rectifier
RHRG1560CC_F085 FAIRCHILD-RHRG1560CC_F085 Datasheet
383Kb / 6P
15A, 600V Hyperfast Rectifier
RURP1560_F085 FAIRCHILD-RURP1560_F085 Datasheet
472Kb / 6P
15A, 600V Ultrafast Rectifier
logo
MacMic
MM15FU60K MACMIC-MM15FU60K Datasheet
237Kb / 3P
600V 15A FRED
logo
Silicon Supplies
MURC860 SS-MURC860 Datasheet
1Mb / 4P
600V 8A 50ns Rectifier
Rev 1.0 27/12/22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com