Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS75R17W2E4P_B11 Datasheet (PDF) - Infineon Technologies AG

FS75R17W2E4P_B11 Datasheet PDF - Infineon Technologies AG
Part # FS75R17W2E4P_B11
Download  FS75R17W2E4P_B11 Download
File Size   613.86 Kbytes
Page   14 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description EasyPACK™ module with Trench/Fieldstop IGBT4 and emitter controlled 4 diode and PressFIT / NTC / TIM

FS75R17W2E4P_B11 Datasheet (PDF)

Go To PDF Page Download Datasheet
FS75R17W2E4P_B11 Datasheet PDF - Infineon Technologies AG

Part # FS75R17W2E4P_B11
Download  FS75R17W2E4P_B11 Click to download

File Size   613.86 Kbytes
Page   14 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description EasyPACK™ module with Trench/Fieldstop IGBT4 and emitter controlled 4 diode and PressFIT / NTC / TIM

FS75R17W2E4P_B11 Datasheet (HTML) - Infineon Technologies AG


FS75R17W2E4P_B11 Product details

Features
• Electrical features
- VCES = 1700 V
- IC nom = 75 A / ICRM = 150 A
- Low switching losses
- Low VCE,sat
• Mechanical features
- Al2O3 substrate with low thermal resistance
- PressFIT contact technology
- Rugged mounting due to integrated mounting clamps
- Compact design
- Pre-applied thermal interface material




Similar Part No. - FS75R17W2E4P_B11

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FS75R17KE3 EUPEC-FS75R17KE3 Datasheet
341Kb / 8P
IGBT-Module
logo
Infineon Technologies A...
FS75R17KE3 INFINEON-FS75R17KE3 Datasheet
469Kb / 8P
IGBT,Wechselrichter / IGBT,Inverter
revision: 2.0 2013-10-03
logo
Inchange Semiconductor ...
FS75R17KE3-ISGM2006 ISC-FS75R17KE3-ISGM2006 Datasheet
427Kb / 6P
Trench gate Field-Stop IGBT
2023-9-21
More results


Similar Description - FS75R17W2E4P_B11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FP35R12U1T4 INFINEON-FP35R12U1T4 Datasheet
662Kb / 12P
SmartPIM module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and PressFIT / NTC
2009-1112 rev 2.0
FS25R12W1T4 INFINEON-FS25R12W1T4 Datasheet
444Kb / 9P
EasyPACK module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2009-10-30 rev 2.1
FS35R12W1T4 INFINEON-FS35R12W1T4 Datasheet
444Kb / 9P
EasyPACK module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2009-10-30- rev 2.1
FS50R12W2T4 INFINEON-FS50R12W2T4 Datasheet
494Kb / 9P
EasyPACK module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and NTC
2009-10-30 rev 2.4
FS50R12W2T4_B11 INFINEON-FS50R12W2T4_B11 Datasheet
637Kb / 9P
EasyPACK module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and PressFIT / NTC
2009-11-12 rev 2.1
FS75R12W2T4 INFINEON-FS75R12W2T4 Datasheet
494Kb / 9P
EasyPACK module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and PressFIT / NTC
2009-10-30 rev 2.3
F3L300R07PE4 INFINEON-F3L300R07PE4 Datasheet
581Kb / 10P
EasyPACK module with Trench/Fieldstopp IGBT4 and Emitter Controlled 4 diode and PressFIT / NTC
2011-03-02 revision:2.1
FS25R12W1T4_B11 INFINEON-FS25R12W1T4_B11 Datasheet
570Kb / 9P
EasyPACK module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and PressFIT / NTC
2010-08-09 revision:2.0
FS35R12W1T4_B11 INFINEON-FS35R12W1T4_B11 Datasheet
571Kb / 9P
EasyPACK module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and PressFIT / NTC
2010-08-09 revision:2.0
FS100R07N3E4_B11 INFINEON-FS100R07N3E4_B11 Datasheet
544Kb / 9P
EconoPACK3 module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and PressFIT / NTC
2011-04-07 revision:2.0
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com