Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RO600NFKIT Datasheet (PDF) - Pulse A Technitrol Company

RO600NFKIT Datasheet PDF - Pulse A Technitrol Company
Part # RO600NFKIT
Download  RO600NFKIT Download
File Size   774.32 Kbytes
Page   7 Pages
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company
Description Outdoor 5G/4G Radome Omni Dipole Antenna

RO600NFKIT Datasheet (PDF)

Go To PDF Page Download Datasheet
RO600NFKIT Datasheet PDF - Pulse A Technitrol Company

Part # RO600NFKIT
Download  RO600NFKIT Click to download

File Size   774.32 Kbytes
Page   7 Pages
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company
Description Outdoor 5G/4G Radome Omni Dipole Antenna

RO600NFKIT Datasheet (HTML) - Pulse A Technitrol Company


RO600NFKIT Product details

Features & Applications
-617-960/1450-7125MHz
-WiFi 6E, 4G/5G FR1
-Includes Band 71 (617-698MHz) and CBRS Bands
42 and 48 (3400-3700MHz)
-Dual Band WiFi Support
-Omni Directional radiation pattern
-Average peak gain: 617-960 MHz 2.5dBi,
1450-4200 MHz 4.0dBi, 4400-7125 MHz 4.3dBi
-Size: Dia. 2.45” (62.2mm) Height 8.64” (219.4mm)
-N-Female Connector (720-hour salt spray rating)
-DC Grounded
-Bracket, mounts to Ø1”-2.12” (25.4-54mm) pole
(720-hour salt spray rating)
-Utility boxes, Smart metering, IoT Devices





Similar Description - RO600NFKIT

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT30074-S1A WPI-WPANT30074-S1A Datasheet
299Kb / 5P
4G Cellular & ISM band Omni Antenna
logo
Pulse A Technitrol Comp...
RO8061 PULSE-RO8061 Datasheet
1Mb / 3P
Outdoor 3G Radome Omni 2 dBi Antenna
RO8063 PULSE-RO8063 Datasheet
1Mb / 3P
Outdoor 3G Radome Omni 4 dBi Antenna
RO17102NM PULSE-RO17102NM Datasheet
240Kb / 3P
Radome Omni Antenna
RO25002NF PULSE-RO25002NF Datasheet
371Kb / 5P
RADOME OMNI- OMNIDIRECTIONAL
W5067 PULSE-W5067 Datasheet
490Kb / 7P
Radome Omni ??Omni directional Antenna
W5150 PULSE-W5150 Datasheet
1Mb / 8P
External / In-building 5G/4G Blade Dipole Antenna
LPTNGP600 PULSE-LPTNGP600 Datasheet
935Kb / 7P
5G/4G Direct Mount Salt Shaker Dipole Antenna
LPT600 PULSE-LPT600_V01 Datasheet
899Kb / 7P
Outdoor 5G/4G Direct Mount Salt Shaker Monopole Antenna
logo
AVX Corporation
1005595 AVX-1005595 Datasheet
1Mb / 8P
Broadband 5G/4G External Antenna
11/10/2022 Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com