Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

391626 Datasheet (PDF) - Alpha Wire

391626 Datasheet PDF - Alpha Wire
Part # 391626
Download  391626 Download
File Size   97.87 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

391626 Datasheet (PDF)

Go To PDF Page Download Datasheet
391626 Datasheet PDF - Alpha Wire

Part # 391626
Download  391626 Click to download

File Size   97.87 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

391626 Datasheet (HTML) - Alpha Wire


391626 Product details

Construction
1) Component 1 1 X 1 HOOKUP
a) Conductor 16 (26/30) AWG Tinned Copper 0.060
b) Insulation 0.047" Wall, Nom. Silicone Rubber 0.154+/- 0.004
(1) Print
ALPHA WIRE-* 16 AWG
E163869 RU AWM STYLE 3212 150C 600V
LLXXXXX CSA AWM I A/B 150C 600V FT2
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending upon plant of
manufacture.]
(2) Color(s) WHITE




Similar Part No. - 391626

ManufacturerPart #DatasheetDescription
logo
Heyco.
3916 HEYCO-3916 Datasheet
107Kb / 1P
Locking Releasable Wire Clips
logo
American Beauty Tools
3916 AMERICANBEAUTY-3916 Datasheet
1Mb / 2P
40 WATT, 1/4" PENCIL-STYLE SOLDERING IRON
logo
List of Unclassifed Man...
39160 ETC2-39160 Datasheet
51Kb / 1P
Plastek Tek-Trays
39161 ETC2-39161 Datasheet
51Kb / 1P
Plastek Tek-Trays
logo
Alpha Wire
391640 ALPHAWIRE-391640 Datasheet
404Kb / 3P
16 (26/30) AWG Tinned Copper
More results


Similar Description - 391626

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com