Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BB-232AMF5 Datasheet (PDF) - Advantech Co., Ltd.

BB-232AMF5 Datasheet PDF - Advantech Co., Ltd.
Part # BB-232AMF5
Download  BB-232AMF5 Download
File Size   186.15 Kbytes
Page   1 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description RS-232 Optical Isolator – 4kV Isolation, Port Power

BB-232AMF5 Datasheet (PDF)

Go To PDF Page Download Datasheet
BB-232AMF5 Datasheet PDF - Advantech Co., Ltd.

Part # BB-232AMF5
Download  BB-232AMF5 Click to download

File Size   186.15 Kbytes
Page   1 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description RS-232 Optical Isolator – 4kV Isolation, Port Power

BB-232AMF5 Datasheet (HTML) - Advantech Co., Ltd.


BB-232AMF5 Product details

Features
• Isolates and protects RS-232 equipment
• 4000 V, 2-way optical isolation
• Data rate: up to 115.2 kbps
• Quick, convenient, inline installation
• Port-powering or optional external 12Vdc power supply
(not included, sold separately)




Similar Part No. - BB-232AMF5

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
BB-232AMF5 ADVANTECH-BB-232AMF5 Datasheet
631Kb / 1P
D-subminiature Serial Cable – DB25M to DB25F
BB-232AMF5 ADVANTECH-BB-232AMF5 Datasheet
381Kb / 1P
Isolated In-line Serial Converters
BB-232AMF5 ADVANTECH-BB-232AMF5 Datasheet
342Kb / 1P
Port-powered RS-232 to RS-422 Converter
BB-232AMF5 ADVANTECH-BB-232AMF5 Datasheet
661Kb / 2P
TTL to RS-422 Converter
BB-232AMF5 ADVANTECH-BB-232AMF5 Datasheet
206Kb / 1P
RS-232 Universal Data Splitter
More results


Similar Description - BB-232AMF5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN752232 TI-SN752232 Datasheet
171Kb / 11P
DUAL RS-232 PORT
SN752232 TI-SN752232_06 Datasheet
228Kb / 14P
DUAL RS-232 PORT
logo
ADL Embedded Solutions
104-COM232-8 ADL-104-COM232-8 Datasheet
356Kb / 2P
8-port RS-232
logo
Advantech Co., Ltd.
ADAM-5090 ADVANTECH-ADAM-5090 Datasheet
584Kb / 1P
4-port RS-232 Module
UNOP-1628D ADVANTECH-UNOP-1628D Datasheet
1Mb / 1P
8-port RS-232/422/485 with and without port-to-port Isolation
ADAM-5090 ADVANTECH-ADAM-5090_14 Datasheet
232Kb / 1P
4-port RS-232 Module
logo
Cynergy3 Co
S1-0504DM CYNERGY3-S1-0504DM Datasheet
514Kb / 1P
4kV Isolation Voltage across contacts
logo
Advantech Co., Ltd.
232PTC9 ADVANTECH-232PTC9 Datasheet
328Kb / 1P
RS-232 Port Combiner
USO9ML2 ADVANTECH-USO9ML2 Datasheet
456Kb / 2P
USB to RS-232 Converter With Isolation
logo
Coolgear Inc.
USB2-4COM-SI-M COOLGEAR-USB2-4COM-SI-M Datasheet
64Kb / 1P
USB 2.0 to 4 Port RS-232 Serial Adapter Optical isolated
6/27/2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com