Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BB-422LP9R Datasheet (PDF) - Advantech Co., Ltd.

BB-422LP9R Datasheet PDF - Advantech Co., Ltd.
Part # BB-422LP9R
Download  BB-422LP9R Download
File Size   548.18 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description Port-powered RS-232 to RS-422 Converter

BB-422LP9R Datasheet (PDF)

Go To PDF Page Download Datasheet
BB-422LP9R Datasheet PDF - Advantech Co., Ltd.

Part # BB-422LP9R
Download  BB-422LP9R Click to download

File Size   548.18 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description Port-powered RS-232 to RS-422 Converter

BB-422LP9R Datasheet (HTML) - Advantech Co., Ltd.


BB-422LP9R Product details

Features
• Converts RS-232 TD and RD to balanced RS-422 signals
• Extends data up to 1.2 km (4000 ft)
• Data rate: up to 115.2 kbps baud
• Port-powered from RS-232 handshake lines (DTR, RTS)
• Inline installation
• 4.7K Ohm biasing resistors
• FCC, CE certifications




Similar Part No. - BB-422LP9R

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
BB-422LP25R ADVANTECH-BB-422LP25R Datasheet
342Kb / 1P
Port-powered RS-232 to RS-422 Converter
More results


Similar Description - BB-422LP9R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7306 AD-AD7306 Datasheet
149Kb / 8P
5 V Powered RS-232/RS-422 Transceiver
logo
List of Unclassifed Man...
ADAM-4521 ETC-ADAM-4521 Datasheet
164Kb / 1P
Addressable RS-422/485 to RS-232 Converter
logo
Advantech Co., Ltd.
ADAM-4510 ADVANTECH-ADAM-4510 Datasheet
706Kb / 1P
RS-232 to RS-422/485 Converter Addressable RS-422/485 to RS-232 Converter
logo
Moxa Inc.
TCC-80 MOXA-TCC-80 Datasheet
1Mb / 5P
Port-powered RS-232 to RS-422/485 converters
logo
Analog Devices
AD7306 AD-AD7306_V01 Datasheet
174Kb / 10P
5 V Powered RS-232/RS-422 Transceiver
Rev. D
logo
Advantech Co., Ltd.
BB-422LCON ADVANTECH-BB-422LCON Datasheet
578Kb / 2P
RS-232 to RS-422 Converter
BB-422LCOR ADVANTECH-BB-422LCOR Datasheet
346Kb / 1P
RS-232 to RS-422 Converter
BB-422LP25R ADVANTECH-BB-422LP25R Datasheet
342Kb / 1P
Port-powered RS-232 to RS-422 Converter
BB-485DRCI ADVANTECH-BB-485DRCI Datasheet
497Kb / 2P
Industrial RS-232 to RS-422/485 Converter
ULI-226D ADVANTECH-ULI-226D Datasheet
508Kb / 3P
RS-232 to RS-485 Port-powered Converters
24-Jan-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com