Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPI-WB-00C2 Datasheet (PDF) - STMicroelectronics

CPI-WB-00C2 Datasheet PDF - STMicroelectronics
Part # CPI-WB-00C2
Download  CPI-WB-00C2 Download
File Size   450.67 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Wide band directional coupler with ISO port

CPI-WB-00C2 Datasheet (PDF)

Go To PDF Page Download Datasheet
CPI-WB-00C2 Datasheet PDF - STMicroelectronics

Part # CPI-WB-00C2
Download  CPI-WB-00C2 Click to download

File Size   450.67 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Wide band directional coupler with ISO port

CPI-WB-00C2 Datasheet (HTML) - STMicroelectronics


CPI-WB-00C2 Product details

Features
■ 50 Ω nominal input / output impedance
■ Wide operating frequency range
(824 MHz to 2170 MHz)
■ Low Insertion Loss (< 0.2 dB)
■ 34 dB typical coupling factor
■ High directivity (typical 25 dB)
■ High ESD robustness
(IEC 61000-4-2 Level 4)
■ Flip-Chip package
■ Small footprint: 1700 x 1200 µm

Applications
■ Quad band power amplifier module
■ Quad band front end module
■ GSM / WCDMA mobile phone

Description
The CPL-WB-00C2 is a wide band directional
coupler designed to measure RF antenna output
power in GSM / WCDMA applications. This CPL
has been customized for wide band operating
frequencies (EGSM and CELL, PCS, DCS,
WCDMA Band I) with less than 0.2 dB insertion
losses in the transmit bandwidth (824 MHz to
2170 MHz).
The CPL-WB-00C2 has been designed using
STMicroelectronics IPD (integrated passive
device) technology on non conductive glass
substrate to optimize RF performance. The device
is delivered 100% tested in tape and reel.




Similar Part No. - CPI-WB-00C2

ManufacturerPart #DatasheetDescription
logo
NEC
CPI-1050-0R6S NEC-CPI-1050-0R6S Datasheet
2Mb / 104P
Power Inductors
CPI-1050-1R0S NEC-CPI-1050-1R0S Datasheet
2Mb / 104P
Power Inductors
CPI-1050-1R6S NEC-CPI-1050-1R6S Datasheet
2Mb / 104P
Power Inductors
CPI-1050-2R2S NEC-CPI-1050-2R2S Datasheet
2Mb / 104P
Power Inductors
CPI-1050-2R7S NEC-CPI-1050-2R7S Datasheet
2Mb / 104P
Power Inductors
More results


Similar Description - CPI-WB-00C2

ManufacturerPart #DatasheetDescription
logo
BOWEI Integrated Circui...
TDC-10A BOWEI-TDC-10A Datasheet
102Kb / 1P
Broad band Directional Coupler
logo
STMicroelectronics
CPL-WB-00D3 STMICROELECTRONICS-CPL-WB-00D3 Datasheet
161Kb / 8P
Wide band directional coupler with ISO port
21-Apr-2010
CPL-WB-01C2 STMICROELECTRONICS-CPL-WB-01C2 Datasheet
453Kb / 8P
Wide band directional coupler with ISO port
06-Jan-2010
CPL-WB-01D3 STMICROELECTRONICS-CPL-WB-01D3 Datasheet
182Kb / 10P
Wide-band directional coupler with ISO port
14-Feb-2012
CPL-WB-02D3 STMICROELECTRONICS-CPL-WB-02D3 Datasheet
101Kb / 7P
Wide-band, directional coupler with integrated 50 ohm loaded isolated port
18-Jun-2012
DCPL-WB-00C2 STMICROELECTRONICS-DCPL-WB-00C2 Datasheet
145Kb / 11P
Wide-band, dual-path directional coupler with ISO port
07-Oct-2010
DCPL-WB-00D3 STMICROELECTRONICS-DCPL-WB-00D3 Datasheet
144Kb / 11P
Wide-band, dual-path directional coupler with ISO port
14-Apr-2010
DCPL-WB-02D3 STMICROELECTRONICS-DCPL-WB-02D3 Datasheet
98Kb / 8P
Wide-band, dual-path directional coupler with integrated 50 ohm loaded isolated port
18-Jun-2012
logo
API Technologies Corp
C754-6 APITECH-C754-6 Datasheet
165Kb / 3P
DIRECTIONAL COUPLER OCTAVE BAND
logo
STMicroelectronics
CPL-WBF-00D3 STMICROELECTRONICS-CPL-WBF-00D3 Datasheet
372Kb / 9P
Wide band directional coupler with ISO port
09-Aug-2013
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com