Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25C01-2ZLI Datasheet (PDF) - Integrated Silicon Solution, Inc

IS25C01-2ZLI Datasheet PDF - Integrated Silicon Solution, Inc
Part # IS25C01-2ZLI
Download  IS25C01-2ZLI Download
File Size   132.69 Kbytes
Page   17 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 1K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM

IS25C01-2ZLI Datasheet (PDF)

Go To PDF Page Download Datasheet
IS25C01-2ZLI Datasheet PDF - Integrated Silicon Solution, Inc

Part # IS25C01-2ZLI
Download  IS25C01-2ZLI Click to download

File Size   132.69 Kbytes
Page   17 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 1K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM

IS25C01-2ZLI Datasheet (HTML) - Integrated Silicon Solution, Inc


IS25C01-2ZLI Product details

DESCRIPTION
The IS25C01 is an electrically erasable PROM device that uses the Serial Peripheral Interface (SPI) for communications. The IS25C01 is 1Kbit (128 x 8). The IS25C01 EEPROM is offered in a wide operating voltage range of 1.8V to 5.5V to be compatible with most application voltages. ISSI designed the IS25C01 to be an efficient SPI EEPROM solution. The device is packaged in 8-pin PDIP, 8-pin SOIC, and 8-pin TSSOP.

FEATURES
• Serial Peripheral Interface (SPI) Compatible
    — Supports SPI Modes 0 (0,0) and 3 (1,1)
• Low-voltage Operation
    — Vcc = 1.8V to 5.5V
• Low power CMOS
    — Active current less than 3.0 mA (2.5V)
    — Standby current less than 1 µA (2.5V)
• Block Write Protection
    — Protect 1/4, 1/2, or Entire Array
• 8 byte page write mode
    — Partial page writes allowed
• 10 MHz Clock Rate (5V)
• Self timed write cycles
    — 5 ms max. @ 2.5V
• High-reliability
    — Endurance: 1 million cycles per byte
    — Data retention: 100 years
• 8-pin PDIP, 8-pin SOIC, and 8-pin TSSOP packages are available
• Lead-free available




Similar Part No. - IS25C01-2ZLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25C02 ISSI-IS25C02 Datasheet
134Kb / 17P
2K-BIT/4K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C02-2GI ISSI-IS25C02-2GI Datasheet
134Kb / 17P
2K-BIT/4K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C02-2GLI ISSI-IS25C02-2GLI Datasheet
134Kb / 17P
2K-BIT/4K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C02-2PI ISSI-IS25C02-2PI Datasheet
134Kb / 17P
2K-BIT/4K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C02-2PLI ISSI-IS25C02-2PLI Datasheet
134Kb / 17P
2K-BIT/4K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
More results


Similar Description - IS25C01-2ZLI

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM93C46 SAMSUNG-KM93C46 Datasheet
190Kb / 6P
1K BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Integrated Silicon Solu...
IS25C02 ISSI-IS25C02 Datasheet
134Kb / 17P
2K-BIT/4K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C08 ISSI-IS25C08 Datasheet
87Kb / 14P
8K-BIT/16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C32A ISSI-IS25C32A Datasheet
134Kb / 17P
32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C128 ISSI-IS25C128 Datasheet
137Kb / 17P
128K-bit/ 256K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
IS93C46A ISSI-IS93C46A Datasheet
74Kb / 13P
1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS25C32A ISSI-IS25C32A_07 Datasheet
225Kb / 18P
32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C08B ISSI-IS25C08B Datasheet
754Kb / 17P
8K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C16B ISSI-IS25C16B Datasheet
754Kb / 17P
16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C128A ISSI-IS25C128A Datasheet
201Kb / 17P
128K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
More results




About Integrated Silicon Solution, Inc


Integrated Silicon Solution, Inc. (ISSI) is a fabless semiconductor company that designs and markets high-performance integrated circuits (ICs) for the automotive, industrial, medical, and communications markets. The company was founded in 1988 and is headquartered in Milpitas, California, USA.

ISSI's product portfolio includes static random access memory (SRAM), dynamic random access memory (DRAM), and analog and mixed-signal ICs. The company specializes in low-power, high-speed SRAMs, and is a leading supplier of DRAMs to the automotive market.

In 2015, ISSI was acquired by China's Uphill Investment Co., Ltd. and became a wholly-owned subsidiary of Uphill Investment.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com