Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC240P06LM Datasheet (PDF) - Infineon Technologies AG

ISC240P06LM Datasheet PDF - Infineon Technologies AG
Part # ISC240P06LM
Download  ISC240P06LM Download
File Size   1248.91 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OptiMOSTM Power Transistor, -60 V

ISC240P06LM Datasheet (PDF)

Go To PDF Page Download Datasheet
ISC240P06LM Datasheet PDF - Infineon Technologies AG

Part # ISC240P06LM
Download  ISC240P06LM Click to download

File Size   1248.91 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OptiMOSTM Power Transistor, -60 V

ISC240P06LM Datasheet (HTML) - Infineon Technologies AG


ISC240P06LM Product details

Features
• P-Channel
• Very low on-resistance RDS(on) @ VGS=-4.5 V
• 100% avalanche tested
• Logic Level
• Enhancement mode
• Pb-free lead plating; RoHS compliant
• Halogen-free according to IEC61249-2-21




Similar Part No. - ISC240P06LM

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ISC230N10NM6 INFINEON-ISC230N10NM6 Datasheet
1Mb / 12P
OptiMOSTM 6 Power-Transistor, 100 V
Rev. 2.0, 2021-07-05
logo
Inchange Semiconductor ...
ISC253 ISC-ISC253 Datasheet
303Kb / 2P
isc Silicon NPN Power Transistor
ISC25N50F ISC-ISC25N50F Datasheet
294Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - ISC240P06LM

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSZ065N06LS5 INFINEON-BSZ065N06LS5 Datasheet
1Mb / 11P
OptiMOSTM Power-Transistor, 60 V
Rev.2.2,2016-08-10
IPB010N06N INFINEON-IPB010N06N_16 Datasheet
1Mb / 11P
OptiMOSTM Power-Transistor, 60 V
Rev.2.4,2016-01-18
IPA060N06N INFINEON-IPA060N06N_16 Datasheet
1Mb / 10P
OptiMOSTM Power-Transistor, 60 V
Rev.2.2,2016-08-10
BSC014N06NST INFINEON-BSC014N06NST Datasheet
1Mb / 13P
OptiMOSTM Power-Transistor, 60 V
Rev.2.0,2017-03-01
BSC028N06NST INFINEON-BSC028N06NST Datasheet
1Mb / 12P
OptiMOSTM Power-Transistor, 60 V
Rev.2.1,2017-10-19
BSC097N06NST INFINEON-BSC097N06NST Datasheet
1Mb / 12P
OptiMOSTM Power-Transistor, 60 V
Rev.2.0,2017-10-19
IPT012N06N INFINEON-IPT012N06N Datasheet
1,022Kb / 11P
OptiMOSTM Power-Transistor, 60 V
Rev.2.0,2016-12-09
IPD380P06NM INFINEON-IPD380P06NM Datasheet
919Kb / 10P
OptiMOSTM Power Transistor, -60 V
Rev.2.0,2019-03-28
ISC800P06LM INFINEON-ISC800P06LM Datasheet
1Mb / 11P
OptiMOSTM Power Transistor, -60 V
Rev. 2.0, 2022-10-13
BSC028N06NSSC INFINEON-BSC028N06NSSC Datasheet
1Mb / 11P
OptiMOSTM Power-Transistor, 60 V
Rev. 2.1, 2022-10-06
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com