Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2502 Datasheet (PDF) - Diodes Incorporated

AP2502 Datasheet PDF - Diodes Incorporated
Part # AP2502
Download  AP2502 Download
File Size   424.71 Kbytes
Page   12 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 4-CH Linear Constant Current Sink With Matching

AP2502 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP2502 Datasheet PDF - Diodes Incorporated

Part # AP2502
Download  AP2502 Click to download

File Size   424.71 Kbytes
Page   12 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 4-CH Linear Constant Current Sink With Matching

AP2502 Datasheet (HTML) - Diodes Incorporated


AP2502 Product details

Features
• Current Matching Between Each Channel: ±1%
• Low Dropout Voltage: 65mV (Typ.) @ ILED=
20mA
• Maximum Output Current on Each Channel:
20mA
• Ultra-low Quiescent Current: 125μA (Typ.)
• Ultra-low Shutdown Current: 1μA (Max.)
• None EMI and Switching Noise Issue
• Permitted PWM Dimming Frequency up to
• 150kHz
• OTSD Protection

Applications
• Mobile Phone, Smart Phone, PDA
• MP3, MP4, PMP
• Small Size Backlight Module




Similar Part No. - AP2502

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2502 BCDSEMI-AP2502 Datasheet
425Kb / 12P
4-CH Linear Constant Current Sink With Matching
AP2502KTR-G1 BCDSEMI-AP2502KTR-G1 Datasheet
425Kb / 12P
4-CH Linear Constant Current Sink With Matching
AP2502KTTR-G1 BCDSEMI-AP2502KTTR-G1 Datasheet
425Kb / 12P
4-CH Linear Constant Current Sink With Matching
More results


Similar Description - AP2502

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP04CM05 STMICROELECTRONICS-STP04CM05 Datasheet
621Kb / 24P
4-bit constant current power-LED sink driver
23-Jun-2008
logo
BCD Semiconductor Manuf...
AP2502 BCDSEMI-AP2502 Datasheet
425Kb / 12P
4-CH Linear Constant Current Sink With Matching
AP3608E BCDSEMI-AP3608E Datasheet
979Kb / 15P
EIGHT-CHANNEL CONSTANT CURRENT SINK WITH CURRENT MATCH
logo
Rohm
BU64241GWZ ROHM-BU64241GWZ Datasheet
938Kb / 24P
Linear Constant Current VCM Driver
logo
BCD Semiconductor Manuf...
AP3609 BCDSEMI-AP3609 Datasheet
770Kb / 13P
EIGHT-CHANNEL CONSTANT CURRENT SINK WITH CURRENT MATCH
logo
E-CMOS Corporation
EC4211 E-CMOS-EC4211 Datasheet
482Kb / 8P
Constant Current Linear LED Driver
logo
Diodes Incorporated
BCR420UW6 DIODES-BCR420UW6_17 Datasheet
552Kb / 13P
LINEAR LED CONSTANT CURRENT REGULATOR
Rev 5
logo
Maxic Technology Corpor...
MT7603 MAXIC-MT7603 Datasheet
98Kb / 1P
Linear Constant - Current LED Driver
MT7604 MAXIC-MT7604 Datasheet
99Kb / 1P
Linear Constant - Current LED Driver
logo
Shenzhen Huazhimei Semi...
HM7506 HMSEMI-HM7506 Datasheet
411Kb / 5P
Programmable linear constant current controller
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com