Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPU2916-3R3MC Datasheet (PDF) - Shenzhen Codaca Electronic Co.,Ltd

CPU2916-3R3MC Datasheet PDF - Shenzhen Codaca Electronic Co.,Ltd
Part # CPU2916-3R3MC
Download  CPU2916-3R3MC Download
File Size   761.98 Kbytes
Page   4 Pages
Manufacturer  CODACA [Shenzhen Codaca Electronic Co.,Ltd]
Direct Link  https://codaca.com
Logo CODACA - Shenzhen Codaca Electronic Co.,Ltd
Description High Current Power Inductor

CPU2916-3R3MC Datasheet (PDF)

Go To PDF Page Download Datasheet
CPU2916-3R3MC Datasheet PDF - Shenzhen Codaca Electronic Co.,Ltd

Part # CPU2916-3R3MC
Download  CPU2916-3R3MC Click to download

File Size   761.98 Kbytes
Page   4 Pages
Manufacturer  CODACA [Shenzhen Codaca Electronic Co.,Ltd]
Direct Link  https://codaca.com
Logo CODACA - Shenzhen Codaca Electronic Co.,Ltd
Description High Current Power Inductor

CPU2916-3R3MC Datasheet (HTML) - Shenzhen Codaca Electronic Co.,Ltd


CPU2916-3R3MC Product details

Features:
▪ Core material:Ferrite
▪ Core and winding loss:
See
▪ Environmental:RoHS compliant, halogen free
▪ Weight:41.26g
▪ Moisture Sensitivity:Level (MSL) 1
(unlimited floor life at <30°C / 85% relative humidity)
▪ Operating temperature range: -40℃~+125℃
(including coil’s self temperature rise).
▪ Storage temperature range: -40℃~+125℃

Application:
▪ Ideal for use in Class-D applications
▪ high current power supplies, Battery power devices
▪ DC/DC converters in distributed power systems




Similar Part No. - CPU2916-3R3MC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CPU-111-10 ETC2-CPU-111-10 Datasheet
375Kb / 3P
OpenVPX Compatible Quad Core Intel Xeon Integrated 12-port 10Gb Ethernet Switch
logo
Infineon Technologies A...
CPU-13A-V1 INFINEON-CPU-13A-V1 Datasheet
1Mb / 18P
XMC1300 (ARM® CortexTM -M0 based) Microcontroller, TSSOP38
Revision 2.0, 2013-12-18
logo
List of Unclassifed Man...
CPU-1440 ETC2-CPU-1440 Datasheet
328Kb / 2P
Vortex86DX processor at 600MHz x86 compatibility
CPU-1452 ETC2-CPU-1452 Datasheet
212Kb / 3P
Celeron 400MHz Fanless SBC with 4x USB 2.0 and 4x USB 1.1 ports (RoHS)
CPU-1454 ETC2-CPU-1454 Datasheet
213Kb / 3P
Celeron 400MHz Fanless SBC with Gigabit & Fast Ethernet
More results


Similar Description - CPU2916-3R3MC

ManufacturerPart #DatasheetDescription
logo
Caliber Electronics Inc...
PSSL-0804HC CALIBER-PSSL-0804HC Datasheet
26Kb / 1P
Power Inductor - High Current
logo
Shenzhen Codaca Electro...
CSBX0650 CODACA-CSBX0650 Datasheet
718Kb / 5P
High Current Power Inductor
Revised: 07/14/2020
CSBL1250 CODACA-CSBL1250 Datasheet
947Kb / 5P
High Current Power Inductor
07/14/2020
CSBL1265 CODACA-CSBL1265 Datasheet
941Kb / 5P
High Current Power Inductor
07/14/2020
CPEX2626L CODACA-CPEX2626L Datasheet
962Kb / 6P
High Current Power Inductor
07/14/2020
CPQ4228 CODACA-CPQ4228 Datasheet
783Kb / 4P
High Current Power Inductor
07/14/2020
CSCF2918H CODACA-CSCF2918H Datasheet
832Kb / 5P
High Current Power Inductor
07/14/2020
CPEX2722 CODACA-CPEX2722 Datasheet
764Kb / 4P
High Current Power Inductor
07/14/2020
CSCM1460 CODACA-CSCM1460 Datasheet
897Kb / 5P
High Current Power Inductor
07/14/2020
CSCM1480L CODACA-CSCM1480L Datasheet
871Kb / 5P
High Current Power Inductor
07/14/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com