Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3602A Datasheet (PDF) - Diodes Incorporated

AP3602A Datasheet PDF - Diodes Incorporated
Part # AP3602A
Download  AP3602A Download
File Size   471.43 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 100mA REGULATED CHARGE PUMP

AP3602A Datasheet (PDF)

Go To PDF Page Download Datasheet
AP3602A Datasheet PDF - Diodes Incorporated

Part # AP3602A
Download  AP3602A Click to download

File Size   471.43 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 100mA REGULATED CHARGE PUMP

AP3602A Datasheet (HTML) - Diodes Incorporated


AP3602A Product details

Features
• Low-Quiescent Current: 13μA Typical
• Regulated Output Voltage Precision: 4%
• High-Output Current:
 100mA when VIN ≥ 3.0V
 50mA when VIN ≥ 2.7V
• High Frequency up to 1.2MHz
• Low Shutdown Supply Current: <1μA
• High-Output Peak Current: 250mA for 100ms
• Overtemperature Protection
• Operating Temperature Range: -40°C to +85°C
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)

Applications
• Mobile Phone Backlight Driver
• Camera Flash LED Driver
• MP3, MP4
• Handheld Device
• Portable Communication Device




Similar Part No. - AP3602A

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3602A BCDSEMI-AP3602A Datasheet
296Kb / 17P
100mA REGULATED CHARGE PUMP
AP3602AKTR-E1 BCDSEMI-AP3602AKTR-E1 Datasheet
296Kb / 17P
100mA REGULATED CHARGE PUMP
More results


Similar Description - AP3602A

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3110 ANALOGICTECH-AAT3110 Datasheet
510Kb / 18P
MicroPower??Regulated Charge Pump
logo
ON Semiconductor
NIS6201 ONSEMI-NIS6201 Datasheet
44Kb / 4P
Floating, Regulated Charge Pump
May, 2004 ??Rev. P2
logo
Linear Technology
LTC1983-3 LINER-LTC1983-3 Datasheet
185Kb / 12P
100mA REGULATED CHARGE-PUMP INVERTERS IN THINSOT
logo
Advanced Analog Technol...
AAT3111 AAT-AAT3111 Datasheet
351Kb / 16P
MicroPower??Regulated Charge Pump
3111.2006.06.1.3
logo
BCD Semiconductor Manuf...
AP3602A BCDSEMI-AP3602A Datasheet
296Kb / 17P
100mA REGULATED CHARGE PUMP
logo
Analog Microelectronics
AME7730 AME-AME7730 Datasheet
163Kb / 12P
100mA Regulated Charge Pump
logo
YOBON TECHNOLOGIES,INC.
YB1300 YOBON-YB1300 Datasheet
223Kb / 8P
Regulated Charge Pump 5V 100mA
logo
SG Micro Corp
SGM3110 SGMICRO-SGM3110 Datasheet
424Kb / 7P
MicroPower Regulated Charge Pump
logo
Linear Technology
LTC1983-3 LINER-LTC1983-3_15 Datasheet
170Kb / 12P
100mA Regulated Charge-Pump Inverters in ThinSOT
LTC1983-5 LINER-LTC1983-5_15 Datasheet
170Kb / 12P
100mA Regulated Charge-Pump Inverters in ThinSOT
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com