Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7179D Datasheet (PDF) - Diodes Incorporated

AP7179D Datasheet PDF - Diodes Incorporated
Part # AP7179D
Download  AP7179D Download
File Size   2715.08 Kbytes
Page   20 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 3A, ULTRA LOW NOISE, HIGH ACCURACY, LDO VOLTAGE REGULATOR

AP7179D Datasheet (PDF)

Go To PDF Page Download Datasheet
AP7179D Datasheet PDF - Diodes Incorporated

Part # AP7179D
Download  AP7179D Click to download

File Size   2715.08 Kbytes
Page   20 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 3A, ULTRA LOW NOISE, HIGH ACCURACY, LDO VOLTAGE REGULATOR

AP7179D Datasheet (HTML) - Diodes Incorporated


AP7179D Product details

Features
- Low VIN and Wide VIN Range: 1.1V to 6.5V
- Low Dropout Voltage: 180mV at 3A
- VOUT Accuracy ±1% Over Line, Load, and Temperature
- Pin-Strapped Output Voltage
- Output Voltage Range: 0.8V to 3.95V
- Adjustable Output Voltage
- Output Voltage Range: 0.8V to 5.5V
- Ultra-High PSRR: 40dB at 500kHz
- Output Voltage Noise:
- 4.4μVRMS at 0.8V Output
- 7.7μVRMS at 5.0V Output
- Adjustable Soft-Start Output
- Open-Drain Power-Good Indicator Function
- Stable with a 47μF or Larger Ceramic Output Capacitor
- Excellent Load Transient Response
- Enable Control
- Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
- Halogen and Antimony Free. “Green” Device (Note 3)
- For automotive applications requiring specific change control

Applications
- Portable electronic devices
- Digital loads: SerDes, FPGAs, and DSPs
- Analog circuits applications: VCO, ADC, DAC, and LVDS
- Test and measurement equipment




Similar Part No. - AP7179D

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7173 DIODES-AP7173 Datasheet
399Kb / 15P
1.5A LOW DROPOUT LINEAR REGULATOR WITH PROGRAMMABLE SOFT-START
AP7173 Rev. 4
AP7173 DIODES-AP7173 Datasheet
385Kb / 16P
1.5A LOW DROPOUT LINEAR REGULATOR WITH
AP7173 Rev. 7
AP7173-FNG-13 DIODES-AP7173-FNG-13 Datasheet
399Kb / 15P
1.5A LOW DROPOUT LINEAR REGULATOR WITH PROGRAMMABLE SOFT-START
AP7173 Rev. 4
AP7173-FNG-7 DIODES-AP7173-FNG-7 Datasheet
399Kb / 15P
1.5A LOW DROPOUT LINEAR REGULATOR WITH PROGRAMMABLE SOFT-START
AP7173 Rev. 4
AP7173-FNG-7 DIODES-AP7173-FNG-7 Datasheet
385Kb / 16P
1.5A LOW DROPOUT LINEAR REGULATOR WITH
AP7173 Rev. 7
More results


Similar Description - AP7179D

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1200 YOBON-YB1200 Datasheet
434Kb / 11P
High Accuracy Ultra-Low-Noise, High PSRR LDO Regulator
logo
ON Semiconductor
SCP51460 ONSEMI-SCP51460 Datasheet
123Kb / 6P
High Accuracy Low Noise 20mA LDO Regulator
February, 2010 ??Rev. 0
logo
Texas Instruments
TPS7A91 TI1-TPS7A91 Datasheet
1Mb / 31P
1-A, High-Accuracy, Low-Noise LDO Voltage Regulator
TPS7A90 TI1-TPS7A90 Datasheet
2Mb / 33P
500-mA, High-Accuracy, Low-Noise LDO Voltage Regulator
TPS7A92 TI1-TPS7A92 Datasheet
2Mb / 33P
2-A, High-Accuracy, Low-Noise LDO Voltage Regulator
logo
Anaren Microwave
MSK5143 ANAREN-MSK5143 Datasheet
953Kb / 10P
3A LOW NOISE, ADJUSTABLE LDO REGULATOR
logo
ON Semiconductor
SCP51460 ONSEMI-SCP51460_16 Datasheet
105Kb / 6P
High Accuracy Low Noise 20mA LDO Regulator
October, 2016 ??Rev. 1
logo
Texas Instruments
TPS7A52-Q1 TI1-TPS7A52-Q1_18 Datasheet
2Mb / 42P
2-A, High-Accuracy, Automotive-Grade, Low-Noise, LDO Voltage Regulator
TPS7A53-Q1 TI1-TPS7A53-Q1_18 Datasheet
2Mb / 41P
3-A, High-Accuracy, Automotive-Grade, Low-Noise, LDO Voltage Regulator
TPS7A90 TI-TPS7A90_V01 Datasheet
3Mb / 34P
TPS7A90 500-mA, High-Accuracy, Low-Noise LDO Voltage Regulator
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com