Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3B3126WE Datasheet (PDF) - Pericom Semiconductor Corporation

PI3B3126WE Datasheet PDF - Pericom Semiconductor Corporation
Part # PI3B3126WE
Download  PI3B3126WE Download
File Size   414.79 Kbytes
Page   6 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 3.3V, 4-Bit, 2-Port Nanoswitch w/Individual Enables

PI3B3126WE Datasheet (PDF)

Go To PDF Page Download Datasheet
PI3B3126WE Datasheet PDF - Pericom Semiconductor Corporation

Part # PI3B3126WE
Download  PI3B3126WE Click to download

File Size   414.79 Kbytes
Page   6 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 3.3V, 4-Bit, 2-Port Nanoswitch w/Individual Enables

PI3B3126WE Datasheet (HTML) - Pericom Semiconductor Corporation


PI3B3126WE Product details

Description
Pericom Semiconductor’s PI3B3125 and PI3B3126 are 3.3 Volt, 4-bit bus switches designed with four individual 5Ω bus switches with fast indiviual enables in an industry standard 74XX125/126 pinout. When enabled via the associated Bus Enable (BE) pin, the “A” pin is directly connected to the “B” pin for that particular gate. The bus switch introduces no additional propagation delay or additional ground bounce noise.
The PI3B3125 device has active LOW enables, and the PI3B3126 has active HIGH enables.

Features
• Near-Zero propagation delay
• 5Ω switches connect inputs to outputs
• Fast Switching Speed -4ns Max.
• Ultra Low Quiescent Power (0.1µA Typical)
    – Ideally suited for notebook applications
• Packaging (Pb-free & Green available):
    – 14-pin 150-mil wide plastic SOIC (W)
    – 14-pin 170-mil wide plastic TSSOP (L)
    – 16-pin 150-mil wide plastic QSOP (Q)




Similar Part No. - PI3B3126WE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B3126WE PERICOM-PI3B3126WE Datasheet
440Kb / 6P
3.3V, 4-Bit, 2-Port Nanoswitch
More results


Similar Description - PI3B3126WE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B34X245 PERICOM-PI3B34X245 Datasheet
122Kb / 4P
3.3V, 32-Bit, 2-Port NanoSwitch
PI3B16245 PERICOM-PI3B16245 Datasheet
147Kb / 3P
3.3V, 16-Bit, 2-Port NanoSwitch?
PI3C3305 PERICOM-PI3C3305 Datasheet
479Kb / 6P
2.5V/3.3V, High Bandwidth, Hot Insertion, 2-Bit, 2-Port Bus Switch w/ Individual Enables
PI3B3861 PERICOM-PI3B3861 Datasheet
174Kb / 5P
3.3V, 10-Bit, 2-Port, NanoSwitch
logo
Potato Semiconductor Co...
PO3B3125A POTATO-PO3B3125A Datasheet
551Kb / 6P
High-Bandwidth, 4-Bit, 2-Port Bus Switch w/ Individual Enables
PO3B3126A POTATO-PO3B3126A Datasheet
550Kb / 6P
8-Bit, 2-Port Bus Switch w/ Individual Enables
PO3B3305A POTATO-PO3B3305A Datasheet
574Kb / 6P
Hot-Insertion, 2-Bit, 2-Port Bus Switch w/ Individual Enables
logo
Pericom Semiconductor C...
PI3B3125LEX PERICOM-PI3B3125LEX Datasheet
440Kb / 6P
3.3V, 4-Bit, 2-Port Nanoswitch
logo
Potato Semiconductor Co...
PO3B3125A POTATO-PO3B3125A_14 Datasheet
1Mb / 5P
High-Bandwidth, 4-Bit, 2-Port Bus Switch w/ Individual Enables
PO3B3126A POTATO-PO3B3126A_14 Datasheet
1Mb / 5P
High-Bandwidth, 4-Bit, 2-Port Bus Switch w/ Individual Enables
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com