Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSMB10941X01 Datasheet (PDF) - Vishay Siliconix

VSMB10941X01 Datasheet PDF - Vishay Siliconix
Part # VSMB10941X01
Download  VSMB10941X01 Download
File Size   239.14 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Speed Infrared Emitting Diode, 940 nm, GaAlAs, MQW

VSMB10941X01 Datasheet (PDF)

Go To PDF Page Download Datasheet
VSMB10941X01 Datasheet PDF - Vishay Siliconix

Part # VSMB10941X01
Download  VSMB10941X01 Click to download

File Size   239.14 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Speed Infrared Emitting Diode, 940 nm, GaAlAs, MQW

VSMB10941X01 Datasheet (HTML) - Vishay Siliconix


VSMB10941X01 Product details

DESCRIPTION
VSMB10941X01 is an infrared, 940 nm side looking emitting
diode in GaAlAs multi quantum well (MQW) technology with
high radiant power and high speed, molded in clear,
untinted plastic package (with lens) for surface mounting
(SMD).

FEATURES
• Package type: surface-mount
• Package form: side view
• Dimensions (L x W x H in mm): 3 x 2 x 1
• AEC-Q101 qualified
• Peak wavelength: λp = 940 nm
• High pulse current
• High speed
• Angle of half intensity: ϕ = ± 75°
• Package matches with detector
VEMD10940FX01
• Floor life: 168 h, MSL 3, according to
J-STD-020
• Lead (Pb)-free reflow soldering
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - VSMB10941X01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSMB10941X01 VISHAY-VSMB10941X01 Datasheet
238Kb / 6P
High Speed Infrared Emitting Diode, 940 nm, GaAlAs, MQW
05-Aug-2019
More results


Similar Description - VSMB10941X01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSLB3940 VISHAY-VSLB3940_10 Datasheet
102Kb / 5P
High Speed Infrared Emitting Diode, 940 nm, GaAlAs, MQW
23-Feb-10
VSLB9530S VISHAY-VSLB9530S Datasheet
317Kb / 8P
High Speed Infrared Emitting Diode, 940 nm, GaAlAs, MQW
03-Sep-13
VSMB10940X01 VISHAY-VSMB10940X01 Datasheet
293Kb / 6P
High Speed Infrared Emitting Diode, 940 nm, GaAlAs, MQW
11-May-15
VSMB11940X01 VISHAY-VSMB11940X01 Datasheet
203Kb / 6P
High Speed Infrared Emitting Diode, 940 nm, GaAlAs, MQW
21-Feb-14
VSLB4940 VISHAY-VSLB4940 Datasheet
107Kb / 5P
High Speed Infrared Emitting Diode, 940 nm, GaAlAs, MQW
24-Jun-16
VSLB3940 VISHAY-VSLB3940_17 Datasheet
110Kb / 5P
High Speed Infrared Emitting Diode, 940 nm, GaAlAs, MQW
13-Jan-17
VSMB10940 VISHAY-VSMB10940_V01 Datasheet
295Kb / 6P
High Speed Infrared Emitting Diode, 940 nm, GaAlAs, MQW
02-May-13
VSMB10941X01 VISHAY-VSMB10941X01 Datasheet
238Kb / 6P
High Speed Infrared Emitting Diode, 940 nm, GaAlAs, MQW
05-Aug-2019
VSMB10940 VISHAY-VSMB10940_V02 Datasheet
295Kb / 6P
High Speed Infrared Emitting Diode, 940 nm, GaAlAs, MQW
02-May-13
VSLB3940 VISHAY-VSLB3940_V02 Datasheet
107Kb / 5P
High Speed Infrared Emitting Diode, 940 nm, GaAlAs, MQW
13-Jan-17
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com