Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS93C56A Datasheet (PDF) - Integrated Silicon Solution, Inc

IS93C56A Datasheet PDF - Integrated Silicon Solution, Inc
Part # IS93C56A
Download  IS93C56A Download
File Size   131.05 Kbytes
Page   16 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 2K-BIT/4K-BIT SERIAL ELECTRICALLY ERASABLE PROM

IS93C56A Datasheet (PDF)

Go To PDF Page Download Datasheet
IS93C56A Datasheet PDF - Integrated Silicon Solution, Inc

Part # IS93C56A
Download  IS93C56A Click to download

File Size   131.05 Kbytes
Page   16 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 2K-BIT/4K-BIT SERIAL ELECTRICALLY ERASABLE PROM

IS93C56A Datasheet (HTML) - Integrated Silicon Solution, Inc


IS93C56A Product details

DESCRIPTION
The IS93C56A/66A are 2kb/4kb non-volatile, ISSI ® serial EEPROMs. They are fabricated using an enhanced CMOS design and process. The IS93C56A/66A contain power-efficient read/write memory, and organization of either 256/512 bytes of 8 bits or 128/256 words of 16 bits. When the ORG pin is connected to Vcc or left unconnected, x16 is selected; when it is connected to ground, x8 is selected. The IS93C56A/66A are fully backward compatible with IS93C56/66.

FEATURES
• Industry-standard Microwire Interface
    — Non-volatile data storage
    — Wide voltage operation: Vcc = 1.8V to 5.5V
    — Auto increment for efficient data dump
• User Configured Memory Organization
    — By 16-bit or by 8-bit
• Hardware and software write protection
    — Defaults to write-disabled state at power-up
    — Software instructions for write-enable/disable
• Enhanced low voltage CMOS E2PROM technology
• Versatile, easy-to-use Interface
    — Self-timed programming cycle
    — Automatic erase-before-write
    — Programming status indicator
    — Word and chip erasable
    — Chip select enables power savings
• Durable and reliable
    — 40-year data retention after 1M write cycles
    — 1 million write cycles
    — Unlimited read cycles
    — Schmitt-trigger inputs
• Industrial and Automotive Temperature Grade
• Lead-free available




Similar Part No. - IS93C56A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS93C56-3 ISSI-IS93C56-3 Datasheet
83Kb / 10P
2,048-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C56-3G ISSI-IS93C56-3G Datasheet
83Kb / 10P
2,048-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C56-3GI ISSI-IS93C56-3GI Datasheet
83Kb / 10P
2,048-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C56-3GR ISSI-IS93C56-3GR Datasheet
83Kb / 10P
2,048-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C56-3GRI ISSI-IS93C56-3GRI Datasheet
83Kb / 10P
2,048-BIT SERIAL ELECTRICALLY ERASABLE PROM
More results


Similar Description - IS93C56A

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93LC66 ROHM-BR93LC66 Datasheet
128Kb / 12P
4,096-Bit Serial Electrically Erasable PROM
BR93LL46F ROHM-BR93LL46F Datasheet
113Kb / 11P
1,024-Bit Serial Electrically Erasable PROM
logo
Samsung semiconductor
KM93C46 SAMSUNG-KM93C46 Datasheet
190Kb / 6P
1K BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Integrated Silicon Solu...
IS93C46-3 ISSI-IS93C46-3 Datasheet
83Kb / 10P
1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS24C16 ISSI-IS24C16 Datasheet
76Kb / 10P
16,384-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C66-3 ISSI-IS93C66-3 Datasheet
83Kb / 10P
4,096-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C56-3 ISSI-IS93C56-3 Datasheet
83Kb / 10P
2,048-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS25C02 ISSI-IS25C02 Datasheet
134Kb / 17P
2K-BIT/4K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS93C46A ISSI-IS93C46A Datasheet
74Kb / 13P
1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC46 ROHM-BR93LC46 Datasheet
133Kb / 12P
1,024-Bit Serial Electrically Erasable PROM
More results




About Integrated Silicon Solution, Inc


Integrated Silicon Solution, Inc. (ISSI) is a fabless semiconductor company that designs and markets high-performance integrated circuits (ICs) for the automotive, industrial, medical, and communications markets. The company was founded in 1988 and is headquartered in Milpitas, California, USA.

ISSI's product portfolio includes static random access memory (SRAM), dynamic random access memory (DRAM), and analog and mixed-signal ICs. The company specializes in low-power, high-speed SRAMs, and is a leading supplier of DRAMs to the automotive market.

In 2015, ISSI was acquired by China's Uphill Investment Co., Ltd. and became a wholly-owned subsidiary of Uphill Investment.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com