Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GUSN224 Datasheet (PDF) - Belden Inc.

GUSN224 Datasheet PDF - Belden Inc.
Part # GUSN224
Download  GUSN224 Download
File Size   155.24 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Universal OFC CLT (jelly filled): GLASS YARNS(1500N) LSZH with 1 Tube of Ø3.3mm 24f MM OM2. CPR Dca.

GUSN224 Datasheet (PDF)

Go To PDF Page Download Datasheet
GUSN224 Datasheet PDF - Belden Inc.

Part # GUSN224
Download  GUSN224 Click to download

File Size   155.24 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Universal OFC CLT (jelly filled): GLASS YARNS(1500N) LSZH with 1 Tube of Ø3.3mm 24f MM OM2. CPR Dca.

GUSN224 Datasheet (HTML) - Belden Inc.


GUSN224 Product details

Product Description
Universal (Indoor/Outdoor) optical fiber Central Loose Tube (jelly filled tube) cable with glass yarns (standard rodent protection) as strength member and Low
Smoke Zero Halogen outer jacket. Product feature: This cable has standard rodent protection by glass yarns. Existing out of 1 Tube with a diameter of 3.3mm
with 24 fibers MM OM2. CPR Euroclass Dca.




Similar Part No. - GUSN224

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GUSN202 BELDEN-GUSN202 Datasheet
154Kb / 2P
Universal OFC CLT (jelly filled): GLASS YARNS(1500N) LSZH with 1 Tube of Ø3.3mm 2f MM OM2. CPR Dca.
2023 Belden, Inc
GUSN202.002100 BELDEN-GUSN202.002100 Datasheet
154Kb / 2P
Universal OFC CLT (jelly filled): GLASS YARNS(1500N) LSZH with 1 Tube of Ø3.3mm 2f MM OM2. CPR Dca.
2023 Belden, Inc
GUSN204 BELDEN-GUSN204 Datasheet
154Kb / 2P
Universal OFC CLT (jelly filled): GLASS YARNS(1500N) LSZH with 1 Tube of Ø3.3mm 4f MM OM2. CPR Dca.
2023 Belden, Inc
GUSN204.002100 BELDEN-GUSN204.002100 Datasheet
154Kb / 2P
Universal OFC CLT (jelly filled): GLASS YARNS(1500N) LSZH with 1 Tube of Ø3.3mm 4f MM OM2. CPR Dca.
2023 Belden, Inc
GUSN204.004100 BELDEN-GUSN204.004100 Datasheet
154Kb / 2P
Universal OFC CLT (jelly filled): GLASS YARNS(1500N) LSZH with 1 Tube of Ø3.3mm 4f MM OM2. CPR Dca.
2023 Belden, Inc
More results


Similar Description - GUSN224

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GUCN224 BELDEN-GUCN224 Datasheet
155Kb / 2P
Universal OFC CLT (jelly filled): GLASS YARNS CST LSZH with 1 Tube of Ø3.3mm 24f MM OM2. CPR Dca.
2023 Belden, Inc
GURN224 BELDEN-GURN224 Datasheet
142Kb / 2P
Universal OFC CLT (jelly filled): GLASS YARNS(3150N) LSZH with 1 Tube of Ø3.3mm 24f MM OM2. CPR Dca.
2023 Belden, Inc
GUSN124 BELDEN-GUSN124 Datasheet
155Kb / 2P
Universal OFC CLT (jelly filled): GLASS YARNS(1500N) LSZH with 1 Tube of Ø3.3mm 24f MM OM1. CPR Dca.
2023 Belden, Inc
GUSN212 BELDEN-GUSN212 Datasheet
154Kb / 2P
Universal OFC CLT (jelly filled): GLASS YARNS(1500N) LSZH with 1 Tube of Ø3.3mm 12f MM OM2. CPR Dca.
2023 Belden, Inc
GUSN216 BELDEN-GUSN216 Datasheet
154Kb / 2P
Universal OFC CLT (jelly filled): GLASS YARNS(1500N) LSZH with 1 Tube of Ø3.3mm 16f MM OM2. CPR Dca.
2023 Belden, Inc
GUSNB224 BELDEN-GUSNB224 Datasheet
153Kb / 2P
Universal OFC CLT (jelly filled): GLASS YARNS(1500N) LSZH with 1 Tube of Ø3.3mm 24f MM OM2. CPR B2ca.
2023 Belden, Inc
GUSNC24 BELDEN-GUSNC24 Datasheet
153Kb / 2P
Universal OFC CLT (jelly filled): GLASS YARNS(1500N) LSZH with 1 Tube of Ø3.3mm 24f MM OM5. CPR Dca.
2023 Belden, Inc
GUSN202 BELDEN-GUSN202 Datasheet
154Kb / 2P
Universal OFC CLT (jelly filled): GLASS YARNS(1500N) LSZH with 1 Tube of Ø3.3mm 2f MM OM2. CPR Dca.
2023 Belden, Inc
GUSN204 BELDEN-GUSN204 Datasheet
154Kb / 2P
Universal OFC CLT (jelly filled): GLASS YARNS(1500N) LSZH with 1 Tube of Ø3.3mm 4f MM OM2. CPR Dca.
2023 Belden, Inc
GUSNC224 BELDEN-GUSNC224 Datasheet
153Kb / 2P
Universal OFC CLT (jelly filled): GLASS YARNS(1500N) LSZH with 1 Tube of Ø3.3mm 24f MM OM2. CPR Cca.
2023 Belden, Inc
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com