Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP251863 Datasheet (PDF) - Microchip Technology

MCP251863 Datasheet PDF - Microchip Technology
Part # MCP251863
Download  MCP251863 Download
File Size   2151.12 Kbytes
Page   106 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description External CAN FD Controller with Integrated Transceiver

MCP251863 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP251863 Datasheet PDF - Microchip Technology

Part # MCP251863
Download  MCP251863 Click to download

File Size   2151.12 Kbytes
Page   106 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description External CAN FD Controller with Integrated Transceiver

MCP251863 Datasheet (HTML) - Microchip Technology


MCP251863 Product details

General Features
• External CAN FD Controller with Integrated CAN
FD Transceiver and Serial Peripheral Interface
(SPI)
• Arbitration Bit Rate Up to 1 Mbps
• Data Bit Rate up to 5 Mbps
• CAN FD Controller Modes
- Mixed CAN 2.0B and CAN FD Mode
- CAN 2.0B Mode
• Fully ISO 11898-1:2015, ISO 11898-2: 2016 and
SAE J2962-2 Compliant
• Temperature Ranges:
- Extended (E): -40°C to +125°C
- High (H): -40°C to +150°C
• ISO 26262 Functional Safety Ready
• Low Electromagnetic Emission (EME) and High
Electromagnetic Immunity (EMI)
• AEC-Q100 and AEC-Q006 Qualified
• Package: SSOP28 (Moisture Sensitivity Level 2)

CAN FD Controller Features
Message FIFOs
• 31 FIFOs, Configurable as Transmit or Receive
FIFOs
• One Transmit Queue (TXQ)
• Transmit Event FIFO (TEF) with 32-bit Time
Stamp
Message Transmission
• Message Transmission Prioritization:
- Based on Priority Bit Field
- Message with Lowest ID gets Transmitted
First Using the Transmit Queue (TXQ)
• Programmable Automatic Retransmission
Attempts: Unlimited, 3 Attempts or Disabled
Message Reception
• 32 Flexible Filter and Mask Objects
• Each Object Can Be Configured to Filter Either:
- Standard ID + first 18 data bits, or
- Extended ID
• 32-bit Time Stamp
Special Features
• VDD: 2.7V to 5.5V
• Active Current: Maximum 20 mA at 5.5 V
40 MHz CAN clock
• Sleep Current: 15 A, Typical
• Low Power Mode Current: Maximum 10 A from
-40°C to +150°C
• Message Objects are Located in RAM: 2 KB
• Up to 3 Configurable Interrupt Pins
• Bus Health Diagnostics and Error Counters
• Transceiver Standby Control
• Start of Frame Pin for Indicating the Beginning of
Messages on the Bus
Oscillator Options
• 40, 20 or 4 MHz Crystal or Ceramic Resonator;
External Clock Input
• Clock Output with Prescaler
SPI Interface
• Up to 20 MHz SPI Clock Speed
• Supports SPI Modes 0,0 and 1,1
• Registers and Bit Fields are Arranged in a Way to
Enable Efficient Access through SPI
Safety Critical Systems
• SPI Commands with CRC to Detect Noise on SPI
Interface
• Error Correction Code (ECC) Protected RAM
Additional Features
• GPIO Pins: INT0 and INT1 Can Be Configured as
General Purpose I/O
• Open Drain Outputs: TXCAN, INT, INT0, and INT1
Pins Can Be Configured as Push/Pull or Open
Drain Outputs

CAN FD Transceiver Features
• Differential Receiver with Wide Common Mode
Range
• Remote Wake-Up Capability via CAN Bus -
Wake-Up on Pattern (WUP), as Specified in
ISO 11898-2: 2016, 3.8 μs Activity Filter Time
• Functional Behavior Predictable under All Supply
Conditions
• Transceiver Disengages from the Bus When Not
Powered Up
• RXD Recessive Clamping Detection
• High Electrostatic Discharge (ESD) Handling
Capability on the Bus Pins
• Bus Pins Protected Against Transients in
Automotive Environments
• Transmit Data (TXD) Dominant Time-Out
Function
• Undervoltage Detection on VCC and VIO Pins
• CANH/CANL Short-Circuit and Overtemperature
Protected
• Low Max Standby Current of 12 A
• Fulfills the OEM “Hardware Requirements for LIN,
CAN and FlexRay Interfaces in Automotive
Applications, Rev. 1.3”




Similar Part No. - MCP251863

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2518FD MICROCHIP-MCP2518FD Datasheet
993Kb / 96P
External CAN FD Controller with SPI Interface
MCP2518FDT-E/QBB MICROCHIP-MCP2518FDT-E/QBB Datasheet
993Kb / 96P
External CAN FD Controller with SPI Interface
MCP2518FDT-E/SL MICROCHIP-MCP2518FDT-E/SL Datasheet
993Kb / 96P
External CAN FD Controller with SPI Interface
MCP2518FDT-H/QBB MICROCHIP-MCP2518FDT-H/QBB Datasheet
993Kb / 96P
External CAN FD Controller with SPI Interface
MCP2518FDT-H/SL MICROCHIP-MCP2518FDT-H/SL Datasheet
993Kb / 96P
External CAN FD Controller with SPI Interface
More results


Similar Description - MCP251863

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3110 HOLTIC-HI-3110 Datasheet
189Kb / 53P
Avionics CAN Controller with Integrated Transceiver
HI-5110 HOLTIC-HI-5110 Datasheet
184Kb / 51P
CAN Controller with Integrated Transceiver
logo
Texas Instruments
TCAN1042H TI1-TCAN1042H_16 Datasheet
499Kb / 37P
Fault Protected CAN Transceiver with CAN FD
TCAN1051H TI1-TCAN1051H Datasheet
451Kb / 35P
Fault Protected CAN Transceiver with CAN FD
logo
Holt Integrated Circuit...
HI-3110 HOLTIC-HI-3110_16 Datasheet
194Kb / 54P
Avionics CAN Controller with Integrated Transceiver
logo
Texas Instruments
TCAN4550-Q1 TI1-TCAN4550-Q1 Datasheet
112Kb / 7P
CAN FD Controller with Integrated Transceiver
TCAN4550 TI1-TCAN4550 Datasheet
1Mb / 144P
CAN FD Controller with Integrated Transceiver
TCAN4550-Q1 TI1-TCAN4550-Q1_19 Datasheet
1Mb / 142P
Automotive Control Area Network Flexible Data Rate (CAN FD) Controller with Integrated Transceiver
logo
Microchip Technology
MCP2517FD MICROCHIP-MCP2517FD Datasheet
1Mb / 98P
External CAN FD Controller with SPI Interface
2017
MCP2518FD MICROCHIP-MCP2518FD Datasheet
993Kb / 96P
External CAN FD Controller with SPI Interface
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com