Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP33151-XX Datasheet (PDF) - Microchip Technology

MCP33151-XX Datasheet PDF - Microchip Technology
Part # MCP33151-XX
Download  MCP33151-XX Download
File Size   2911.31 Kbytes
Page   55 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1 Msps/500 ksps, 14/12-Bit Single-Ended Input SAR ADC

MCP33151-XX Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP33151-XX Datasheet PDF - Microchip Technology

Part # MCP33151-XX
Download  MCP33151-XX Click to download

File Size   2911.31 Kbytes
Page   55 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1 Msps/500 ksps, 14/12-Bit Single-Ended Input SAR ADC

MCP33151-XX Datasheet (HTML) - Microchip Technology


MCP33151-XX Product details

Features
• Sample Rate (Throughput):
- MCP33151/41-10: 1 Msps
- MCP33151/41-05: 500 ksps
• 14/12-Bit Resolution with No Missing Codes
• No Latency Output
• Wide Operating Voltage Range:
- Analog supply voltage (AVDD): 1.8V
- Digital input/output interface voltage (DVIO):
1.7 - 5.5V
- External reference (VREF): AVDD-5.1V
• Pseudodifferential Input Operation with Single-
Ended Configuration:
- Input full-scale range: 0V to +VREF
• Ultra-Low Current Consumption (typical):
- During input acquisition (standby): ~1.5 μA
- During conversion:
MCP33151/41-10: ~0.66 mA
MCP33151/41-05: ~0.33 mA
• SPI-Compatible Serial Communication:
- SCLK clock rate: up to 100 MHz
• 3-Wire with Optional BUSY Indicator
• ADC Self-Calibration for Offset, Gain, and
Linearity Errors:
- During power-up (automatic)
- On-Demand via user’s command during
normal operation
• Built-In Data Accumulator
- Integrate up to 1024 consecutive converted
samples
- Increase ENOB up to 18 bits by automatically
averaging conversion results
• AEC-Q100 Qualified:
- Temperature grade 1: -40°C to +125°C
• Package Options: MSOP-10 and TDFN-10

Typical Applications
• High-Precision Data Acquisition
• Medical Instruments
• Test Equipment
• Electric Vehicle Battery Management Systems
• Motor Control Applications
• Switch-Mode Power Supply Applications
• Battery-Powered Equipment




Similar Part No. - MCP33151-XX

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP33151D MICROCHIP-MCP33151D Datasheet
3Mb / 66P
1 Msps/500 kSPS, 14/12-Bit Differential Input SAR ADC
05/14/19
MCP33151D-05 MICROCHIP-MCP33151D-05 Datasheet
3Mb / 66P
1 Msps/500 kSPS, 14/12-Bit Differential Input SAR ADC
05/14/19
MCP33151D-05-E/MS MICROCHIP-MCP33151D-05-E/MS Datasheet
3Mb / 66P
1 Msps/500 kSPS, 14/12-Bit Differential Input SAR ADC
05/14/19
MCP33151D-05T-E/MN MICROCHIP-MCP33151D-05T-E/MN Datasheet
3Mb / 66P
1 Msps/500 kSPS, 14/12-Bit Differential Input SAR ADC
05/14/19
MCP33151D-05T-E/MS MICROCHIP-MCP33151D-05T-E/MS Datasheet
3Mb / 66P
1 Msps/500 kSPS, 14/12-Bit Differential Input SAR ADC
05/14/19
More results


Similar Description - MCP33151-XX

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
AD7485 AMICC-AD7485 Datasheet
769Kb / 16P
1 MSPS, Serial 14-Bit SAR ADC
logo
Analog Devices
AD7265BCPZ AD-AD7265BCPZ Datasheet
690Kb / 28P
Differential/Single-Ended Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
REV. A
AD7265 AD-AD7265_15 Datasheet
812Kb / 29P
Differential/Single-Ended Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
REV. A
AD7485 AD-AD7485_15 Datasheet
986Kb / 15P
1 MSPS, Serial 14-Bit SAR ADC
REV. A
AD7265 AD-AD7265_17 Datasheet
810Kb / 29P
Differential/Single-Ended Input, 1 MSPS, 12-Bit, 3-Channel Dual SAR ADC
23-Feb-2017
AD7485 AD-AD7485 Datasheet
812Kb / 15P
1 MSPS, Serial 14-Bit SAR ADC
23-Feb-2017
logo
Texas Instruments
ADS7052 TI1-ADS7052 Datasheet
1Mb / 44P
14-Bit, 1-MSPS, Single-Ended Input, Small-Size, Low-Power SAR ADC
logo
Microchip Technology
MCP33131 MICROCHIP-MCP33131 Datasheet
2Mb / 54P
1 Msps/500 kSPS 16/14/12-Bit Single-Ended Input SAR ADC
10/25/17
MCP33131D MICROCHIP-MCP33131D Datasheet
3Mb / 59P
1 Msps/500 kSPS 16/14/12-Bit Differential Input SAR ADC
08/15/18
MCP33151D-XX MICROCHIP-MCP33151D-XX Datasheet
3Mb / 66P
1 Msps/500 kSPS, 14/12-Bit Differential Input SAR ADC
05/14/19
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com