Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AA2000-75-2X Datasheet (PDF) - Vishay Barry

AA2000-75-2X Datasheet PDF - Vishay Barry
Part # AA2000-75-2X
Download  AA2000-75-2X Download
File Size   129.98 Kbytes
Page   1 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description Aluminum Nitride FLANGED ATTENUATOR

AA2000-75-2X Datasheet (PDF)

Go To PDF Page Download Datasheet
AA2000-75-2X Datasheet PDF - Vishay Barry

Part # AA2000-75-2X
Download  AA2000-75-2X Click to download

File Size   129.98 Kbytes
Page   1 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description Aluminum Nitride FLANGED ATTENUATOR

AA2000-75-2X Datasheet (HTML) - Vishay Barry


AA2000-75-2X Product details

General Description:
The AA2000-75-2X is a flanged, 20 dB
Aluminum Nitride attenuator. It has an input power
of 75 watts, while maintaining a constant flange
temperature of 100°C. It offers a frequency range
from DC to 4 GHz.

Features:
♦ Aluminum Nitride Material
♦ DC - 4 GHz Performance
♦ 75 Watt Input Power
♦ Flange Mount




Similar Part No. - AA2000-75-2X

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
AA2000-75-4X BARRY-AA2000-75-4X Datasheet
137Kb / 1P
Aluminum Nitride FLANGED ATTENUATOR
Revision Date 10/29/09
More results


Similar Description - AA2000-75-2X

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
AA0100-250-18X BARRY-AA0100-250-18X Datasheet
89Kb / 1P
Aluminum Nitride FLANGED ATTENUATOR
Revision Date 08/21/12
AA0200-50-1X BARRY-AA0200-50-1X Datasheet
187Kb / 1P
Aluminum Nitride FLANGED ATTENUATOR
Revision Date 01/08/08
AA0300-50-1X BARRY-AA0300-50-1X Datasheet
187Kb / 1P
Aluminum Nitride FLANGED ATTENUATOR
Revision Date 01/08/08
AA0400-50-1X BARRY-AA0400-50-1X Datasheet
187Kb / 1P
Aluminum Nitride FLANGED ATTENUATOR
Revision Date 01/08/08
AA0500-100-14X BARRY-AA0500-100-14X Datasheet
152Kb / 1P
Aluminum Nitride FLANGED ATTENUATOR
Revision Date 01/12/09
AA0500-50-1X BARRY-AA0500-50-1X Datasheet
138Kb / 1P
Aluminum Nitride FLANGED ATTENUATOR
Rev. A
AA1000-50-1X BARRY-AA1000-50-1X Datasheet
111Kb / 1P
Aluminum Nitride FLANGED ATTENUATOR
Revision Date 11/10/10
AA1300-75-1X BARRY-AA1300-75-1X Datasheet
196Kb / 1P
Aluminum Nitride FLANGED ATTENUATOR
Revision Date 8/6/07
AA2000-50-1X BARRY-AA2000-50-1X Datasheet
112Kb / 1P
Aluminum Nitride FLANGED ATTENUATOR
Revision Date 11/10/10
AA2000-75-4X BARRY-AA2000-75-4X Datasheet
137Kb / 1P
Aluminum Nitride FLANGED ATTENUATOR
Revision Date 10/29/09
More results




About Vishay Barry


Vishay Barry is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.

Vishay Barry specializes in the production of high-precision, thin-film and thick-film resistors, resistor arrays, and specialized passive components for demanding applications in the aerospace, military, and medical industries.

The company is headquartered in Franklin, Kentucky, and has additional locations in Europe and Asia.

Vishay Barry products are designed and manufactured to meet stringent quality and reliability standards, and are used in a wide range of applications including medical equipment, industrial automation systems, and military and aerospace systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com