Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BB-USBAMBM-3F Datasheet (PDF) - Advantech Co., Ltd.

BB-USBAMBM-3F Datasheet PDF - Advantech Co., Ltd.
Part # BB-USBAMBM-3F
Download  BB-USBAMBM-3F Download
File Size   349.36 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description USB to TTL Miniature Converter

BB-USBAMBM-3F Datasheet (PDF)

Go To PDF Page Download Datasheet
BB-USBAMBM-3F Datasheet PDF - Advantech Co., Ltd.

Part # BB-USBAMBM-3F
Download  BB-USBAMBM-3F Click to download

File Size   349.36 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description USB to TTL Miniature Converter

BB-USBAMBM-3F Datasheet (HTML) - Advantech Co., Ltd.


BB-USBAMBM-3F Product details

PRODUCT FEATURES
• Connect 3.3V TTL devices to your USB port
• TTL data rate: up to 460.8 Kbps
• Quick, convenient in-line installation
• USB port-powered
• Small easily fits in laptop bag – perfect for field service
• USB 2.0 (12 Mbps) compatible
• Supports Windows 98, ME, 2000, XP, Vista, 7 (32/64 bit), 8 (32/64 bit)
• USB cable included




Similar Part No. - BB-USBAMBM-3F

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
BB-USBAMBM-3F ADVANTECH-BB-USBAMBM-3F Datasheet
494Kb / 2P
Single Port, Compact USB Isolator
BB-USBAMBM-3F ADVANTECH-BB-USBAMBM-3F Datasheet
526Kb / 2P
Isolated USB 2 or 4 Port RS-422/485 Converters
BB-USBAMBM-3F ADVANTECH-BB-USBAMBM-3F Datasheet
195Kb / 1P
USB to RS-485 Miniature Converters
26-Nov-2019
BB-USBAMBM-3F ADVANTECH-BB-USBAMBM-3F Datasheet
238Kb / 1P
USB to RS-232 Converter - 2kV isolation, high retention USB port
9-Apr-2020
More results


Similar Description - BB-USBAMBM-3F

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
TTL-232R FTDI-TTL-232R Datasheet
508Kb / 8P
USB to TTL Serial Converter Cable
TTL-232R-3V3 FTDI-TTL-232R-3V3 Datasheet
508Kb / 8P
USB to TTL Serial Converter Cable
TTL-232R FTDI-TTL-232R_10 Datasheet
557Kb / 26P
TTL TO USB SERIAL CONVERTER RANGE OF CABLES
TTL-232R-PCB FTDI-TTL-232R-PCB Datasheet
373Kb / 16P
TTL to USB Serial Converter PCB
TTL-232RG-VIP-WE FTDI-TTL-232RG-VIP-WE Datasheet
503Kb / 18P
TTL to USB Serial Converter Generic Cable
TTL-232R FTDI-TTL-232R_V01 Datasheet
561Kb / 26P
TTL to USB Serial Converter Range of Cables
logo
Advantech Co., Ltd.
TTL5USB9M ADVANTECH-TTL5USB9M Datasheet
408Kb / 2P
USB to TTL Miniature Converters
logo
Coolgear Inc.
USB-232TTLMOS-IS COOLGEAR-USB-232TTLMOS-IS Datasheet
125Kb / 3P
USB to RS232 Isolated TTL
USB-232TTLMOS COOLGEAR-USB-232TTLMOS Datasheet
126Kb / 3P
USB to RS232 TTL
logo
Advantech Co., Ltd.
BB-422TTL ADVANTECH-BB-422TTL Datasheet
661Kb / 2P
TTL to RS-422 Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com