Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K5AT Datasheet (PDF) - C&K Components

K5AT Datasheet PDF - C&K Components
Part # K5AT_V01
Download  K5AT Download
File Size   341.51 Kbytes
Page   2 Pages
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components
Description Illuminated SMT Tact Switch

K5AT Datasheet (PDF)

Go To PDF Page Download Datasheet
K5AT Datasheet PDF - C&K Components

Part # K5AT_V01
Download  K5AT Click to download

File Size   341.51 Kbytes
Page   2 Pages
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components
Description Illuminated SMT Tact Switch

K5AT Datasheet (HTML) - C&K Components


K5AT Product details

Features
• High bright LED’s
• Gold plated dome contact offering
superior contact reliability in time
• Excellent ergonomics: sharp tactile feel
and audible click
• Reduced space usage on board “2 in 1”
• 40 N overload
• Tape and reel
• RoHS compliant and compatible




Similar Part No. - K5AT_V01

ManufacturerPart #DatasheetDescription
logo
C&K Components
K5ATGN43GPR CK-COMPONENTS-K5ATGN43GPR Datasheet
448Kb / 2P
Lighted SMT Tact Switch
K5ATWH43GP CK-COMPONENTS-K5ATWH43GP Datasheet
448Kb / 2P
Lighted SMT Tact Switch
K5ATYE43GPR CK-COMPONENTS-K5ATYE43GPR Datasheet
448Kb / 2P
Lighted SMT Tact Switch
More results


Similar Description - K5AT_V01

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KSR ITT-KSR Datasheet
68Kb / 3P
Subminiature Tact Switch for SMT
logo
C&K Components
K5AT CK-COMPONENTS-K5AT Datasheet
448Kb / 2P
Lighted SMT Tact Switch
logo
E-SWITCH
TL1220 E-SWITCH-TL1220 Datasheet
1Mb / 3P
ILLUMINATED TACT SWITCH
TL1250 E-SWITCH-TL1250 Datasheet
175Kb / 1P
ILLUMInATED RIGhT AnGLE TACT SWITCh
logo
C&K Components
KSR211GLFS CK-COMPONENTS-KSR211GLFS Datasheet
357Kb / 2P
Subminiature Tact Switch for SMT
ITS CK-COMPONENTS-ITS Datasheet
895Kb / 9P
Illuminated Tact Switch
ITS CK-COMPONENTS-ITS_V01 Datasheet
851Kb / 9P
Illuminated Tact Switch
2021
K8 CK-COMPONENTS-K8 Datasheet
367Kb / 2P
Illuminated SMT Tact Switch with Dedicated LED
10 jan 18
ITS CK-COMPONENTS-ITS_V02 Datasheet
850Kb / 9P
Illuminated Tact Switch
3 Dec 21
K5V CK-COMPONENTS-K5V_V01 Datasheet
782Kb / 5P
Illuminated Tact Switch
13 May 22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com