Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTS647 Datasheet (PDF) - C&K Components

PTS647 Datasheet PDF - C&K Components
Part # PTS647
Download  PTS647 Download
File Size   235.31 Kbytes
Page   2 Pages
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components
Description 4.5 mm Tact Switch

PTS647 Datasheet (PDF)

Go To PDF Page Download Datasheet
PTS647 Datasheet PDF - C&K Components

Part # PTS647
Download  PTS647 Click to download

File Size   235.31 Kbytes
Page   2 Pages
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components
Description 4.5 mm Tact Switch

PTS647 Datasheet (HTML) - C&K Components


PTS647 Product details

Features/Benefits
• Compact size 4.5 x 4.5 mm
• SMT terminals
• Different actuator heights
• Choice of actuation forces
• Tape & reel




Similar Part No. - PTS647

ManufacturerPart #DatasheetDescription
logo
C&K Components
PTS647 CK-COMPONENTS-PTS647 Datasheet
184Kb / 2P
4.5 mm Tact Switch
PTS647SK38SMTR2LFS CK-COMPONENTS-PTS647SK38SMTR2LFS Datasheet
184Kb / 2P
4.5 mm Tact Switch
PTS647SK50SMTR2LFS CK-COMPONENTS-PTS647SK50SMTR2LFS Datasheet
184Kb / 2P
4.5 mm Tact Switch
PTS647SK70SMTR2LFS CK-COMPONENTS-PTS647SK70SMTR2LFS Datasheet
184Kb / 2P
4.5 mm Tact Switch
PTS647SM38SMTR2LFS CK-COMPONENTS-PTS647SM38SMTR2LFS Datasheet
184Kb / 2P
4.5 mm Tact Switch
More results


Similar Description - PTS647

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSS-TD-26EA ETC1-TSS-TD-26EA Datasheet
149Kb / 1P
TACT SWITCH
logo
Bourns Electronic Solut...
STSS BOURNS-STSS Datasheet
215Kb / 2P
SMD 4 mm Sealed Tact Switch
logo
Adam Technologies, Inc.
SW-A11365 ADAM-TECH-SW-A11365 Datasheet
71Kb / 1P
TACT SWITCH
logo
Suntan Capacitors
TSS-RP-06XG SUNTAN-TSS-RP-06XG Datasheet
171Kb / 1P
TACT SWITCH
TSS-RP-0102 SUNTAN-TSS-RP-0102 Datasheet
186Kb / 1P
TACT SWITCH
TSS-RP-0302 SUNTAN-TSS-RP-0302 Datasheet
151Kb / 1P
TACT SWITCH
logo
C&K Components
PTS647 CK-COMPONENTS-PTS647 Datasheet
184Kb / 2P
4.5 mm Tact Switch
logo
List of Unclassifed Man...
IT-1102WA8-160G-G ETC-IT-1102WA8-160G-G Datasheet
1Mb / 7P
Tact Switch
logo
E-SWITCH
TL6800 E-SWITCH-TL6800 Datasheet
1Mb / 4P
Tact Switch
logo
C&K Components
PTS645V CK-COMPONENTS-PTS645V Datasheet
270Kb / 3P
6 mm SMT Side Actuated Tact Switch
14 Nov 22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com