Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSTA7100 Datasheet (PDF) - Vishay Siliconix

TSTA7100 Datasheet PDF - Vishay Siliconix
Part # TSTA7100
Download  TSTA7100 Download
File Size   143.06 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs

TSTA7100 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSTA7100 Datasheet PDF - Vishay Siliconix

Part # TSTA7100
Download  TSTA7100 Click to download

File Size   143.06 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs

TSTA7100 Datasheet (HTML) - Vishay Siliconix


TSTA7100 Product details

DESCRIPTION
TSTA7100 is an infrared, 875 nm emitting diode in GaAlAs
technology in a hermetically sealed TO-18 package with
lens.

FEATURES
• Package type: leaded
• Package form: TO-18
• Dimensions (in mm): ∅ 4.7
• Peak wavelength: λp = 875 nm
• High reliability
• High radiant power
• High radiant intensity
• Angle of half intensity: ϕ = ± 5°
• Low forward voltage
• Suitable for high pulse current operation
• Good spectral matching with Si photodetectors
• Lead (Pb)-free component in accordance with
RoHS 2002/95/EC and WEEE 2002/96/EC




Similar Part No. - TSTA7100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSTA7100 VISHAY-TSTA7100 Datasheet
82Kb / 6P
GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
20-May-99
TSTA7100 VISHAY-TSTA7100 Datasheet
150Kb / 5P
Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
04-Sep-08
TSTA7100 VISHAY-TSTA7100 Datasheet
143Kb / 5P
Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
04-Sep-08
TSTA7100 VISHAY-TSTA7100_08 Datasheet
150Kb / 5P
Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
04-Sep-08
TSTA7100 VISHAY-TSTA7100_V01 Datasheet
143Kb / 5P
Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
04-Sep-08
More results


Similar Description - TSTA7100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSHA4400 VISHAY-TSHA4400_08 Datasheet
106Kb / 5P
Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
16-Sep-08
TSHA5200 VISHAY-TSHA5200_08 Datasheet
122Kb / 6P
Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
05-Sep-08
TSHA5500 VISHAY-TSHA5500_08 Datasheet
114Kb / 6P
Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
05-Sep-08
TSHA6200 VISHAY-TSHA6200_08 Datasheet
122Kb / 6P
Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
05-Sep-08
TSHA6500 VISHAY-TSHA6500 Datasheet
114Kb / 6P
Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
05-Sep-08
TSTA7100 VISHAY-TSTA7100_08 Datasheet
150Kb / 5P
Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
04-Sep-08
TSTA7300 VISHAY-TSTA7300_08 Datasheet
151Kb / 5P
Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
04-Sep-08
TSTA7500 VISHAY-TSTA7500_08 Datasheet
147Kb / 5P
Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
04-Sep-08
TSTA7300 VISHAY-TSTA7300_V02 Datasheet
143Kb / 5P
Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
04-Sep-08
TSTA7500 VISHAY-TSTA7500_V02 Datasheet
139Kb / 5P
Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
04-Sep-08
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com