Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSS138 Datasheet (PDF) - Weitron Technology

BSS138 Datasheet PDF - Weitron Technology
Part # BSS138
Download  BSS138 Download
File Size   222.17 Kbytes
Page   4 Pages
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology
Description Small Signal MOSFET N-Channel

BSS138 Datasheet (PDF)

Go To PDF Page Download Datasheet
BSS138 Datasheet PDF - Weitron Technology

Part # BSS138
Download  BSS138 Click to download

File Size   222.17 Kbytes
Page   4 Pages
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology
Description Small Signal MOSFET N-Channel

BSS138 Datasheet (HTML) - Weitron Technology


BSS138 Product details

Features:
* Low On-Resistance : 3.5Ω
* Low Input Capacitance: 40PF
* Low Out put Capacitance : 12PF
* Low Threshole :1.5V
* Fast Switching Speed : 20ns

Application:
* DC to DC Converter
* Cellular & PCMCIA Card
* Cordless Telephone
* Power Management in Portable and Battery etc.




Similar Part No. - BSS138

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BSS138 ZETEX-BSS138 Datasheet
58Kb / 3P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Siemens Semiconductor G...
BSS138 SIEMENS-BSS138 Datasheet
138Kb / 8P
SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
logo
Fairchild Semiconductor
BSS138 FAIRCHILD-BSS138 Datasheet
125Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
BSS138 CET-BSS138 Datasheet
481Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS138 DIODES-BSS138 Datasheet
92Kb / 5P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30144 Rev. 6 - 2
More results


Similar Description - BSS138

ManufacturerPart #DatasheetDescription
logo
Stanson Technology
2N7002 STANSON-2N7002 Datasheet
172Kb / 2P
N Channel Small Signal MOSFET
logo
Weitron Technology
2N7002 WEITRON-2N7002 Datasheet
473Kb / 4P
Small Signal MOSFET N-Channel
logo
Fairchild Semiconductor
2N7002MTF FAIRCHILD-2N7002MTF_01 Datasheet
116Kb / 5P
N-Channel Small Signal MOSFET
logo
Weitron Technology
2N7000 WEITRON-2N7000 Datasheet
173Kb / 4P
Small Signal MOSFET N-Channel
logo
ON Semiconductor
3LN01C ONSEMI-3LN01C Datasheet
259Kb / 6P
N-Channel Small Signal MOSFET
June, 2013
3LN01S ONSEMI-3LN01S Datasheet
262Kb / 6P
N-Channel Small Signal MOSFET
June, 2013
5LN01M ONSEMI-5LN01M Datasheet
259Kb / 6P
N-Channel Small Signal MOSFET
July, 2013
5LN01SS ONSEMI-5LN01SS Datasheet
257Kb / 6P
N-Channel Small Signal MOSFET
July, 2013
5LN01C ONSEMI-5LN01C Datasheet
263Kb / 6P
N-Channel Small Signal MOSFET
June, 2013
5LN01S ONSEMI-5LN01S Datasheet
269Kb / 6P
N-Channel Small Signal MOSFET
July, 2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com