Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP25810LQ Datasheet (PDF) - Diodes Incorporated

AP25810LQ Datasheet PDF - Diodes Incorporated
Part # AP25810LQ
Download  AP25810LQ Download
File Size   1466.51 Kbytes
Page   25 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description USB TYPE-C DFP CONTROLLER AND POWER SWITCH WITH LOAD DETECTION

AP25810LQ Datasheet (PDF)

Go To PDF Page Download Datasheet
AP25810LQ Datasheet PDF - Diodes Incorporated

Part # AP25810LQ
Download  AP25810LQ Click to download

File Size   1466.51 Kbytes
Page   25 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description USB TYPE-C DFP CONTROLLER AND POWER SWITCH WITH LOAD DETECTION

AP25810LQ Datasheet (HTML) - Diodes Incorporated


AP25810LQ Product details

Features
- USB Type-C Rev. 2.0 Compliant DFP Controller
- Connector Attach or Detach Detection
- STD, 1.5A or 3A Capability Advertisement on CC
- Super-Speed Polarity Determination
- VBUS Application and Discharge
- VCONN Application to Electronically Marked Cable
- Audio and Debug Accessory Identification
- 0.7μA (Typ.) IDDQ When Port Is Unattached
- Three Input Supply Options
- IN1: USB Charging Supply
- IN2: VCONN Supply
- AUX: Device Power Supply
- Power Wake Supports Low Power in System
Hibernate (S4) and OFF (S5) Power States
- 30mΩ (Typ) High-Side MOSFET
- Programmable 1.7A or 3.4A ILIM (±7.1%)
- Port Power Management Enables Power
Resource Optimization Across Multiple Ports
- Transient Protection for CC1/CC2 Lines:
- IEC 61000-4-2 Contact Discharge ±8kV
- IEC 61000-4-2 Air Gap Discharge ±15kV
- Thermally Efficient Low-Profile Package
- Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
- Halogen and Antimony Free. “Green” Device (Note 3)
- The AP25810LQ is suitable for automotive applications
requiring specific change control; this part is AEC-Q100
qualified, PPAP capable, and manufactured in IATF 16949
certified facilities.

Applications
- USB Type-C host ports in notebook computers for sleep
charging
- LCD monitor/docking stations and charging cradles
- USB Type-C wall chargers




Similar Part No. - AP25810LQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP25810L DIODES-AP25810L Datasheet
405Kb / 2P
USB Type-C, Downstream-Facing Port Controller with 3A Power Switch
AP25810LDFZ20-13 DIODES-AP25810LDFZ20-13 Datasheet
405Kb / 2P
USB Type-C, Downstream-Facing Port Controller with 3A Power Switch
More results


Similar Description - AP25810LQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2543 TI1-TPS2543 Datasheet
1Mb / 34P
USB Charging Port Controller and Power Switch with Load Detection
TPS2546 TI-TPS2546 Datasheet
1Mb / 40P
USB Charging Port Controller and Power Switch with Load Detection
TPS2543-Q1 TI1-TPS2543-Q1 Datasheet
1Mb / 41P
USB Charging Port Controller and Power Switch with Load Detection
TPS25810 TI1-TPS25810_15 Datasheet
1Mb / 36P
TPS25810 USB Type-C DFP Controller and Power Switch with Load Detection
TPS2546-Q1 TI1-TPS2546-Q1 Datasheet
1Mb / 43P
USB-Charging Port Controller and Power Switch With Load Detection
TPS25810 TI1-TPS25810_16 Datasheet
1Mb / 38P
USB Type-C DFP Controller and Power Switch with Load Detection
TPS25810-Q1 TI1-TPS25810-Q1 Datasheet
734Kb / 37P
USB Type-C DFP Controller and Power Switch With Load Detection
TUSB319-Q1 TI1-TUSB319-Q1 Datasheet
442Kb / 19P
USB Type-C DFP Port Controller
TPS25810-Q1 TI1-TPS25810-Q1_17 Datasheet
1Mb / 39P
USB Type-C DFP Controller and Power Switch With Load Detection
TPS25810A-Q1 TI1-TPS25810A-Q1 Datasheet
688Kb / 35P
USB Type-C DFP Controller and Power Switch With Digital Cable Compensation
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com