Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THC63LVDF84B Datasheet (PDF) - THine Electronics, Inc.

THC63LVDF84B Datasheet PDF - THine Electronics, Inc.
Part # THC63LVDF84B
Download  THC63LVDF84B Download
File Size   159.03 Kbytes
Page   10 Pages
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.
Description LVDS 24Bit/18Bit COLOR HOST-LCD PANEL INTERFACE RECEIVER

THC63LVDF84B Datasheet (PDF)

Go To PDF Page Download Datasheet
THC63LVDF84B Datasheet PDF - THine Electronics, Inc.

Part # THC63LVDF84B
Download  THC63LVDF84B Click to download

File Size   159.03 Kbytes
Page   10 Pages
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.
Description LVDS 24Bit/18Bit COLOR HOST-LCD PANEL INTERFACE RECEIVER

THC63LVDF84B Datasheet (HTML) - THine Electronics, Inc.


THC63LVDF84B Product details

General Description
The THC63LVDF84B/THC63LVDF64B receiver supports wide VCC range(2.5~3.6V). At single 2.5V supply, the THC63LVDF84B/THC63LVDF64B reduces EMI and power consumption.
   
Features
• Wide VCC range: 2.5~3.6V
• Wide dot clock range: 20-85MHz suited for VGA,
    SVGA, XGA and SXGA (VCC=3.0~3.6V)
• Wide dot clock range: 20-70MHz suited for VGA,
    SVGA, XGA and SXGA (VCC=2.5V~3.6V)
• PLL requires No external components
• Rx power consumption < 80mW @VCC 2.5V,
    65MHz Grayscale
• Power-Down Mode
• Low profile 56 Lead or 48 Lead TSSOP Package
• Pin compatible with THC63LVDF84A/F64A
   




Similar Part No. - THC63LVDF84B

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THC63LVDF84B-5S THINE-THC63LVDF84B-5S Datasheet
339Kb / 11P
LVDS 24Bit COLOR HOST-LCD PANEL INTERFACE RECEIVER(Falling Edge Clock)
THC63LVDF84B5S THINE-THC63LVDF84B5S Datasheet
77Kb / 10P
LVDS 24Bit COLOR HOST-LCD PANEL INTERFACE RECEIVER(Falling Edge Clock)
THC63LVDF84B THINE-THC63LVDF84B_16 Datasheet
1Mb / 16P
24bit COLOR LVDS RECEIVER (Falling Edge Clock)
More results


Similar Description - THC63LVDF84B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT7181 ETC-NT7181 Datasheet
360Kb / 15P
LVDS Transmitter 24 Bit Color Host-LCD Display Panel Interface
logo
THine Electronics, Inc.
THC63LVDM83R THINE-THC63LVDM83R Datasheet
194Kb / 12P
REDUCED SWING LVDS 24Bit/18Bit COLOR HOST-LCD PANEL INTERFACE
THC63LVDM83D THINE-THC63LVDM83D Datasheet
101Kb / 12P
REDUCED SWING LVDS 24Bit COLOR HOST-LCD PANEL INTERFACE
THC63LVDR84B THINE-THC63LVDR84B Datasheet
78Kb / 10P
LVDS 24Bit COLOR HOST-LCD PANEL INTERFACE RECEIVER (Rising Edge Clock)
THC63LVDF84B-5S THINE-THC63LVDF84B-5S Datasheet
339Kb / 11P
LVDS 24Bit COLOR HOST-LCD PANEL INTERFACE RECEIVER(Falling Edge Clock)
THC63LVDM83C-5S THINE-THC63LVDM83C-5S Datasheet
522Kb / 13P
REDUCED SWING LVDS 24Bit COLOR HOST-LCD PANEL INTERFACE
THC63LVDR84B THINE-THC63LVDR84B_15 Datasheet
227Kb / 11P
LVDS 24Bit COLOR HOST-LCD PANEL INTERFACE RECEIVER (Rising Edge Clock)
THC63LVDF84B5S THINE-THC63LVDF84B5S Datasheet
77Kb / 10P
LVDS 24Bit COLOR HOST-LCD PANEL INTERFACE RECEIVER(Falling Edge Clock)
THC63LVDM83C5S THINE-THC63LVDM83C5S Datasheet
121Kb / 12P
REDUCED SWING LVDS 24Bit COLOR HOST-LCD PANEL INTERFACE
THC63LVDR84C THINE-THC63LVDR84C_16 Datasheet
456Kb / 15P
24bit Color LVDS Receiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com